Electronic Components Datasheet Search
  English  ▼

X  

AS1500 Datasheet(PDF) 5 Page - ams AG

Part # AS1500
Description  Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1500 Datasheet(HTML) 5 Page - ams AG

  AS1500_1 Datasheet HTML 1Page - ams AG AS1500_1 Datasheet HTML 2Page - ams AG AS1500_1 Datasheet HTML 3Page - ams AG AS1500_1 Datasheet HTML 4Page - ams AG AS1500_1 Datasheet HTML 5Page - ams AG AS1500_1 Datasheet HTML 6Page - ams AG AS1500_1 Datasheet HTML 7Page - ams AG AS1500_1 Datasheet HTML 8Page - ams AG AS1500_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.austriamicrosystems.com
Revision 1.01
5 - 14
AS1500
Data Sheet - El ectrical Characte ristics
AS1502 / AS1503 – SPECIFICATIONS
VCC = 3V±10% or 5V±10%, VA = VCC, VB = 0V, –40ºC ≤ TA ≤ +125ºC unless otherwise noted.
PDISS
Power Dissipation
(CMOS)
8
VIH = VCC or VIL = 0V, VCC = 5.5V
27.5
µW
PSSR
Power Supply
Suppression Ratio
VCC = 5V+0.5VP
sine wave @
1kHz
AS1500,
Version: 10k
Ω
-54
-25
dB
AS1501,
Version: 20k
Ω
-52
-25
dB
Dynamic Characteristics
9
BW_10k
Bandwidth –3dB
Bandwidth –3dB
RWB = 10kΩ, VCC = 5V
1000
kHz
BW_20k
RWB = 20kΩ, VCC = 5V
500
kHz
THDW
Total Harmonic
Distortion
VA = 1VRMS + 2VDC, VB = 2VDC,
f = 1kHz
0.003
%
tS_10k
VW Settling Time
RWB = 5kΩ, VA = VCC, VB = 0V,
±1% Error Band
2
µs
tS_20k
RWB = 10kΩ, VA = VCC, VB = 0V,
±1% Error Band
4µs
eNWB_10k
Resistor Noise Voltage
RWB = 5kΩ, f =1kHz
9nV/
√ Hz
eNWB_20k
RWB = 10kΩ, f =1kHz
13
nV/
√ Hz
1. Typicals represent average readings at 25ºC and VCC = 5V.
2. Wiper is not connected. IAB = 350µA for the 10kΩ version and 175µA for the 20kΩ version.
3. All Tempcos are guaranteed by design and not subject to production test.
4. Terminal A is not connected. IW = 350µA for the 10kΩ version and 175µA for the 20kΩ version.
5. Resistor terminals A, B, W have no limitations on polarity with respect to each other.
6. All capacitances are guaranteed by design and not subject to production test. Resistor-terminal capacitance
tests are measured with 2.5V bias on the measured terminal. The remaining resistor terminals are left open cir-
cuit.
7. Worst-case supply current consumed when input logic level at 2.4V, standard characteristic of CMOS logic.
8. PDISS is calculated from (IDD×VCC). CMOS logic level inputs result in minimum power dissipation.
9. All dynamic characteristics are guaranteed by design and not subject to production test. All dynamic characteris-
tics use VCC=5V.
Table 4. Electrical Characteristics – 50k and 100k Versions
Symbol
Parameter
Conditions
Min
Typ
1
Max
Units
DC Characteristics Rheostat Mode
RAB
Nominal Resistance
2
TA = 25ºC, VCC = 5V, AS1502,
Version: 50k
Ω
40
50
60
k
Ω
TA = 25ºC, VCC = 5V, AS1503,
Version: 100k
Ω
80
100
120
k
Ω
ΔRAB/ΔT
Resistance Tempco
3
VAB = VCC, Wiper = No Connect
500
ppm/ºC
RW
Wiper Resistance
VCC = 5V
20
100
200
Ω
R-DNL
Resistor Differential NL
4
RWB, VCC = 5V, VA = No Connect
-1
±1/4
+1
LSB
R-INL
Resistor Integral NL
RWB, VCC = 5V, VA = No Connect
-2
±1/2
+2
LSB
Table 3. Electrical Characteristics – 10k and 20k Versions
Symbol
Parameter
Conditions
Min
Typ
1
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com