Electronic Components Datasheet Search
  English  ▼

X  

AS1538 Datasheet(PDF) 8 Page - ams AG

Part # AS1538
Description  8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1538 Datasheet(HTML) 8 Page - ams AG

Back Button AS1538 Datasheet HTML 4Page - ams AG AS1538 Datasheet HTML 5Page - ams AG AS1538 Datasheet HTML 6Page - ams AG AS1538 Datasheet HTML 7Page - ams AG AS1538 Datasheet HTML 8Page - ams AG AS1538 Datasheet HTML 9Page - ams AG AS1538 Datasheet HTML 10Page - ams AG AS1538 Datasheet HTML 11Page - ams AG AS1538 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.austriamicrosystems.com
Revision 1.03
8 - 20
AS1538/AS1540
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 10. Offset Error vs. Supply Voltage
Figure 11. Offset Matching vs. Supply Voltage
Figure 12. Gain Error vs. Temperature
Figure 13. Gain Matching vs. Temperature
Figure 14. Gain Error vs. Supply Voltage
Figure 15. Gain Matching vs. Supply Voltage
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
2.7
3.2
3.7
4.2
4.7
5.2
Supply Voltage (V)
-6
-4
-2
0
2
4
6
2.7
3.2
3.7
4.2
4.7
5.2
Supply Voltage (V)
-6
-4
-2
0
2
4
6
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-45 -30 -15
0
15 30
45
60 75
90
Temperature (°C)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
2.7
3.2
3.7
4.2
4.7
5.2
Supply Voltage (V)
-6
-4
-2
0
2
4
6
2.7
3.2
3.7
4.2
4.7
5.2
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com