Electronic Components Datasheet Search
  English  ▼

X  

1213 Datasheet(PDF) 3 Page - Electronic Film Capacitors, Inc.

Part # 1213
Description  METALLIZED POLYPROPYLENE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1213 Datasheet(HTML) 3 Page - Electronic Film Capacitors, Inc.

  1213 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1213 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1213 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1213 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1213 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1213 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1213 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1213 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1213 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.25
1.5
2.0
3.0
4.0
5.0
6.0
8.0
10.0
12.0
15.0
20.0
1213TC-1
50 VDC
1213TC-2
100 VDC
1213TC-3
150 VDC
1213TC-3
200 VDC
1213TC-3
400 VDC
1213TC-3
600 VDC
Cap.
µµµµµF
EFC
1213TC
<
><
L _.050"
>
1.625"
Min.
Lead Specs.
Tinned Copperweld
Under .250D = 24 AWG
.250 - .440D = 22 AWG
Above .440D = 20 AWG
Tubular
Wrap and Fill
+
DIMENSIONS and RATINGS
1213TC
_ .050"
+
D
D
L
D
L
D
L
D
L
D
L
D
L
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
(All dimensions in inches)
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.781
.781
.781
.781
.906
.906
1.190
1.190
1.190
1.440
1.440
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.170
.180
.200
.210
.230
.250
.190
.210
.220
.250
.270
.300
.260
.290
.310
.340
.320
.350
.390
.420
.420
.460
.450
.550
.630
.620
.680
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.200
.220
.240
.180
.190
.210
.220
.250
.270
.300
.260
.290
.320
.350
.330
.360
.390
.390
.420
.460
.440
.480
.550
.590
.680
.760
.790
.910
.970
.970
1.080
1.160
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.440
1.440
1.440
1.570
1.570
1.690
1.940
1.940
2.250
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.200
.210
.230
.180
.190
.210
.220
.240
.270
.290
.260
.290
.310
.340
.330
.360
.390
.380
.420
.460
.500
.470
.530
.570
.580
.710
.770
.860
.900
.950
1.060
1.080
1.210
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.781
.781
.781
.906
.906
.906
.906
1.190
1.190
1.190
1.440
1.440
1.570
1.570
1.690
1.940
1.940
2.250
2.250
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.190
.210
.230
.250
.190
.210
.230
.250
.270
.290
.260
.280
.310
.340
.330
.360
.390
.390
.430
.460
.430
.470
.520
.570
.620
.610
.670
.770
.890
.980
1.090
1.100
1.180
1.310
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.190
.210
.230
.250
.270
.300
.270
.290
.320
.350
.330
.360
.360
.390
.430
.470
.450
.490
.540
.580
.640
.610
.670
.740
.770
.860
.900
1.040
1.260
1.340
1.390
.531
.531
.531
.531
.531
.531
.531
.531
.531
.531
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.781
.781
.906
.906
.906
.906
1.190
1.190
1.190
1.190
1.190
1.190
1.190
1.440
1.570
1.570
1.690
1.690
1.690
1.940
2.250
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
ELECTRONIC FILM CAPACITORS, INC.
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.200
.220
.240
.180
.190
.210
.220
.250
.270
.300
.260
.290
.320
.350
.330
.360
.390
.390
.420
.460
.440
.480
.550
.590
.680
.760
.790
.910
.970
.970
1.080
1.160
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.440
1.440
1.440
1.570
1.570
1.690
1.940
1.940
2.250
Metallized
Polypropylene
Capacitors
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.190
1.190
1.440
1.440
1.440
1.570
1.690
1.690
1.940
2.250
2.250



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com