Electronic Components Datasheet Search
  English  ▼

X  

AS1920-18 Datasheet(PDF) 4 Page - ams AG

Part # AS1920-18
Description  Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1920-18 Datasheet(HTML) 4 Page - ams AG

  AS1920-18 Datasheet HTML 1Page - ams AG AS1920-18 Datasheet HTML 2Page - ams AG AS1920-18 Datasheet HTML 3Page - ams AG AS1920-18 Datasheet HTML 4Page - ams AG AS1920-18 Datasheet HTML 5Page - ams AG AS1920-18 Datasheet HTML 6Page - ams AG AS1920-18 Datasheet HTML 7Page - ams AG AS1920-18 Datasheet HTML 8Page - ams AG AS1920-18 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.austriamicrosystems.com
Revision 1.00
4 - 14
AS1920/AS1922
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VCC18 = 1.8V, VCC3 = 3V, VCCA = VCC3, TAMB = -40 to +85ºC (unless otherwise specified).
Table 4. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRT18
Reset Threshold VCC18
1.653
1.683
1.713
V
VRT3
Reset Threshold VCC3
2.763
2.805
2.847
V
VRTA
Reset Threshold VCCA
0.982
1.00
1.018
V
VCC3, VCC18
Operating Voltage
RESETN in Correct Logic State
1
3.3
V
IVCC18
VCC18 Supply Current
VCC18 < VCC3, VCC18 = 1.8V
0.7
2
µA
IVCC3
VCC3 Supply Current
VCC18 < VCC3, VCC3 = 3V
6.2
15
µA
IVCCA
1
1. Guaranteed by design.
VCCA Input Current
VCCA = 1V
-15
0
15
nA
IOUT
Open-Drain RESETN
Output Current
Reset Not Asserted, Forced to 0V
2
4
13
µA
ILEAK
Open-Drain RESETN Output
Leakage Current
Reset Not Asserted, RESETN
Forced to 5.5V, TAMB = 25ºC
-0.1
0.1
µA
tRST
Reset Pulse Width
RESETN Low, TAMB = 25ºC
2
2. Measured from the time (t1) when the input passes through the input threshold voltage (VRTX) to the time (t2)
when RESETN passes through 1.5V.
140
200
280
ms
tUV
VCC Undervoltage
Detect to RESETN
VCC18, VCC3, or VCCA <
Reset Threshold by > 1%
2
TAMB = 25ºC
130
µs
VOL
Output Voltage Low, RESETN
ISINK = 2.5mA, VCC3 = 3V,
VCC18 = 0V
0.15
0.4
V
ISINK = 100µA, VCC3 = 1V,
VCC18 = 0V
0.05
0.3
ISINK = 100µA, VCC3 = 0V,
VCC18 = 1V
0.05
0.3
ISINK = 100µA, VCC3 = 1V,
VCC18 = 1V
0.05
0.3
VOH
Output Voltage High, RESETN
ISOURCE = 1µA (AS1922-xx)
VCC3 -
1
VCC3 -
0.65
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com