Electronic Components Datasheet Search
  English  ▼

X  

AS1970 Datasheet(PDF) 6 Page - ams AG

Part # AS1970
Description  Low-Voltage Single/Dual/Quad Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1970 Datasheet(HTML) 6 Page - ams AG

Back Button AS1970_1 Datasheet HTML 2Page - ams AG AS1970_1 Datasheet HTML 3Page - ams AG AS1970_1 Datasheet HTML 4Page - ams AG AS1970_1 Datasheet HTML 5Page - ams AG AS1970_1 Datasheet HTML 6Page - ams AG AS1970_1 Datasheet HTML 7Page - ams AG AS1970_1 Datasheet HTML 8Page - ams AG AS1970_1 Datasheet HTML 9Page - ams AG AS1970_1 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
6 - 18
AS1970
Data Sheet - Ty pi cal Operating Characte ristics
7 Typical Operating Characteristics
Figure 3. Supply Current vs. Temperature
Figure 4. Supply Current vs. Output Transition
(per comparator)
Frequency (per comparator)
Figure 5. VOL vs. ISINK; VIN+ < VIN-
Figure 6. VOH vs. ISOURCE ; VIN+ > VIN-
Figure 7. ISINK vs. Temperature
Figure 8. VOS vs. Temperature
1
10
100
1000
0.1
1
10
100
1000
Output Transition Frequency (kHz)
6
8
10
12
14
16
18
-60
-40
-20
0
20
40
60
80
100
Temp (°C)
VCC = 5V
VCC = 3V
VCC = 5V
VCC = 2.7V
0.1
1
10
100
1000
0.01
0.1
1
10
100
Output Sink Current (mA)
0.1
1
10
100
1000
0.01
0.1
1
10
100
Output Source Current (mA)
VCC = 5V
VCC = 2.7V
VCC = 5V
VCC = 2.7V
0
10
20
30
40
50
60
70
80
90
100
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
2.00
2.10
2.20
2.30
2.40
2.50
2.60
2.70
2.80
2.90
3.00
-60
-40 -20
0
20
40
60
80
100
Temperature (°C)
VCC = 5V
VCC = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com