Electronic Components Datasheet Search
  English  ▼

X  

AS1970 Datasheet(PDF) 16 Page - ams AG

Part # AS1970
Description  Low-Voltage Single/Dual/Quad Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1970 Datasheet(HTML) 16 Page - ams AG

Back Button AS1970 Datasheet HTML 10Page - ams AG AS1970 Datasheet HTML 11Page - ams AG AS1970 Datasheet HTML 12Page - ams AG AS1970 Datasheet HTML 13Page - ams AG AS1970 Datasheet HTML 14Page - ams AG AS1970 Datasheet HTML 15Page - ams AG AS1970 Datasheet HTML 16Page - ams AG AS1970 Datasheet HTML 17Page - ams AG AS1970 Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
16 - 18
AS1970
Data Sheet - Pa ckage Drawings and Mark ings
Figure 25. 14-pin TSSOP Package
Notes:
1. All dimensions are in millimeters; angles in degrees.
2. Dimensions and tolerancing per ASME Y14.5M-1994.
3. Dimension D does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15mm per side.
4. Dimension E1 does not include interlead flash or protrusion. Interlead flash or protrusion shall not exceed 0.25mm
per side.
5. Dimension b does not include dambar protrusion. Allowable dambar protrusion shall be 0.08mm total in excess of
dimension b at maximum material condition. Dambar cannot be located on the lower radius of the foot. Minimum
space between protrusion and adjacent lead is 0.07mm for 0.5mm pitch packages.
6. Terminal numbers shown are for reference only.
7. Datums A and B to be determined at datum plane H.
8. Dimensions D and E1 to be determined at datum plane H.
9. This dimension applies only to variations with an even number of leads per side. For variations with an odd number
of leads per package, the center lead must be coincident with the package centerline, datum A.
10. Cross section A-A to be determined at 0.10 to 0.25mm from the leadtip.
Symbol
0.65mm Lead Pitch
1, 2
Note
Symbol
0.65mm Lead Pitch
1, 2
Note
Min
Nom
Max
Min
Nom
Max
A-
-
1.10
θ10º
-
8º
A1
0.05
-
0.15
L1
1.0 Ref
A2
0.85
0.90
0.95
aaa
0.10
L
0.50
0.60
0.75
bbb
0.10
R
0.09
-
-
ccc
0.05
R1
0.09
-
-
ddd
0.20
b
0.19
-
0.30
5
e
0.65 BSC
b1
0.19
0.22
0.25
θ212º Ref
c
0.09
-
0.20
θ312º Ref
c1
0.09
-
0.16
Variations
D
4.90
5.00
5.10
3, 8
e
0.65 BSC
E1
4.30
1.40
4.50
4, 8
N
14
6
E
6.4 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com