| Electronic Components Datasheet Search |
|
AS2523 Datasheet(PDF) 8 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS2523 Datasheet(HTML) 8 Page - ams AG |
|
8 / 19 page ![]() Data Sheet AS2523, AS2524, AS2524B austriamicrosystems Serial Interface on AS2523 Registers The settings of the AS2523 are stored in 16 registers. Each register has 4 bit data width. Timing The data format for writing to a register has the following form: A3 A2 A1 A0 D3 D2 D1 D0 xCS CLK DI Note: The pins xCS,CLK,DI have internal pull-up resistors. Parameter Symbol MIN TYP MAX CLK Pulse width HIGH T6 100ns CLK Pulse width LOW T5 100ns xCS to first falling CLK- edge setup time T1 50ns DIN to CLK setup time T3 50ns DIN to CLK hold time T4 50ns t1 xCS CLK DIN t3 t4 t5 t6 Revision 1.13 Page 8 of 19 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |