Electronic Components Datasheet Search
  English  ▼

X  

AS2525 Datasheet(PDF) 16 Page - ams AG

Part # AS2525
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525 Datasheet(HTML) 16 Page - ams AG

Back Button AS2525_1 Datasheet HTML 12Page - ams AG AS2525_1 Datasheet HTML 13Page - ams AG AS2525_1 Datasheet HTML 14Page - ams AG AS2525_1 Datasheet HTML 15Page - ams AG AS2525_1 Datasheet HTML 16Page - ams AG AS2525_1 Datasheet HTML 17Page - ams AG AS2525_1 Datasheet HTML 18Page - ams AG AS2525_1 Datasheet HTML 19Page - ams AG AS2525_1 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 16 of 27
Memory Storing Procedure
Up to 28 numbers, each with maximum 24 digits, can be
stored into the external EEPROM. The store procedure is
as follows:
1. Press [PG] to enter program mode
2. Enter location (MR + digit3 ; M1 to 8; or
SH + M1 to 8)
3. Enter number
4. Press [PG] to store and exit or go on-hook to abort
5. Go to 1 for storing further numbers
[Mute]
starts and stops security storing
(LCD-Symbols [ and ])
[R/P]
inserts a pause (LCD-Symbol P)
Tone Generator
The tone generator incorporates the DTMF tones, 3
frequencies for the tone ringer and pacifier tones.
DTMF
The DTMF generator provides 7 frequencies.
Table 23: DTMF frequencies
Digit
Frequency
Rows
Low Group
1 - 2 - 3
697 Hz
4 - 5 - 6
770 Hz
7 - 8 - 9
852 Hz
∗ - 0 - #
941 Hz
Columns
High Group
1 - 4 - 7 -
∗
1209 Hz
2 - 5 - 8 - 0
1336 Hz
3 - 6 - 9 - #
1477 Hz
The MF output level can be set through set-up program-
ming. The range is from -18 dBm to -6 dBm in 1 dB steps.
Table 24: DTMF level settings
[PG] + [0] + (Password) + [0] + [6] + (x) + [PG]
Key
(x)
Level (dBm)
Low Group
Key
(x)
Level (dBm)
Low Group
[0]
-18
[7]
-11
[1]
-17
[8]
-10
[2]
-16
[9]
-9
[3]
-15
[M1]
-8
[4]
-14
[M2]
-7
[5]
-13
[M3]
-6
[6]
-12
3 Digit includes 0 – 9,
∗ and #
The pre-emphasis is 2.6 dB. The DTMF tones are
according to CEPT recommendations.
Tone Ringer (Melody/Volume)
The tone ringer incorporates two basic selection, namely 2-
tone or 3-tone melodies. The default set-up selection is the
3-tone ringer.
Table 25: Basic ringer melody selection
[PG] + [0] + (Password) + [#] + [8] + (digit) + [PG]
Digit
Ringer Melody
[0]
2-tone
[1]
3-tone
The user can chose the following melodies as shown in
below table.
Table 26: 3-tone melody programming
Procedure
Digit
Sequence
Rate
[PG] + [7] +
[0]
F1 F2 F3 F1 F2 F3
1
[1]
F1 F2 F3 F1 F2 F3
2
[2]
F1 F2 F3 F1 F2 F3
4
[3)
F1 F2 F3 F1 F2 F3
6
[4]
F1 F2 F3 F1 F2 F3
10
Press [PG] to store and terminate
The chosen melody will be heard in the loudspeaker during
programming. Pressing the [PG] key will end the procedure
and the last selected melody will be stored.
When 2-tone melody is selected through the set-up
procedure, it is possible to chose the following melodies:
Table 27: 2-tone melody programming
Procedure
Digit
Sequence
Rate
[PG] + [7] +
[0]
F1 F2 F1 F2 F1 F2
2
[1]
F1 F2 F1 F2 F1 F2
5
[2]
F1 F3 F1 F3 F1 F3
2
[3)
F1 F3 F1 F3 F1 F3
5
[4]
F2 F3 F2 F3 F2 F3
2
Press [PG] to store and terminate
Repetition rate means that a sequence of 6 frequencies is
repeated 1, 2, 4, 5, 6 or 10 times within 1 second.
Pacifier Tone
Any key entry is acknowledged by a pacifier tone (key-in
tone) of 1333 Hz. The pacifier tone can be
enabled/disabled through set-up programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com