Electronic Components Datasheet Search
  English  ▼

X  

M1206 Datasheet(PDF) 2 Page - Electronic Film Capacitors, Inc.

Part # M1206
Description  POLYPROPYLENE SNUBBER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

M1206 Datasheet(HTML) 2 Page - Electronic Film Capacitors, Inc.

  M1206 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. M1206 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. M1206 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. M1206 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. M1206 Datasheet HTML 5Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRONIC FILM CAPACITORS, INC.
PHONE (203) 755-5629
FAX (203) 755-0659
Reidville Industrial Park * 41 Interstate Lane
WATERBURY, CONNECTICUT 06705
DIMENSIONS and RATINGS
0.001
0.0012
0.0015
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
CAP.
µµµµµF
inches (mm)
inches (mm)
M1206TC-3
160VDC/100VAC
M1206TC
inches (mm)
inches (mm)
inches (mm)
M1206TC-3
D
LD
250VDC/160VAC
Tubular
Wrap and Fill
inches (mm)
L
DL
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
EFC
M1206TC
<
><
L _.050"
>
1.625"
Min.
+
_ .050"
+
D
M1206TC-3
400VDC/250VAC
M1206TC-3
630VDC/300VAC
inches (mm)
inches (mm)
DL
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.190
(4.9)
0.220
(5.6)
0.240
(6.1)
0.250
(6.5)
0.280
(7.2)
0.320
(8.1)
0.340
(8.7)
0.290
(7.4)
0.310
(8.0)
0.330
(8.5)
0.360
(9.3)
0.390 (10.0)
0.350
(9.0)
0.380
(9.7)
0.410 (10.6)
0.440 (11.3)
0.490 (12.6)
0.530 (13.6)
0.520 (13.2)
0.560 (14.3)
0.610 (15.7)
0.670 (17.0)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
1.190 (30.3)
1.190 (30.3)
1.190 (30.3)
1.190 (30.3)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.200
(5.1)
0.230
(5.8)
0.240
(6.2)
0.260
(6.8)
0.310
(7.8)
0.330
(8.4)
0.350
(9.0)
0.300
(7.7)
0.320
(8.2)
0.350
(8.8)
0.370
(9.5)
0.350
(9.0)
0.380
(9.6)
0.400 (10.3)
0.440 (11.2)
0.480 (12.1)
0.510 (13.0)
0.550 (14.1)
0.540 (13.7)
0.580 (14.9)
0.630 (16.2)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
1.190 (30.3)
1.190 (30.3)
1.190 (30.3)
1.190 (30.3)
1.190 (30.3)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.220
(5.6)
0.240
(6.2)
0.260
(6.6)
0.280
(7.1)
0.310
(8.4)
0.330
(8.3)
0.290
(7.4)
0.310
(7.9)
0.330
(8.4)
0.350
(9.0)
0.320
(8.1)
0.340
(8.7)
0.370
(9.4)
0.410 (10.6)
0.450 (11.4)
0.480 (12.4)
0.530 (13.5)
0.520 (13.2)
0.580 (14.8)
0.600 (15.4)
0.650 (16.6)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
1.190 (30.3)
1.190 (30.3)
1.190 (30.3)
1.190 (30.3)
1.190 (30.3)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.180
(4.6)
0.190
(4.9)
0.200
(5.2)
0.220
(5.7)
0.240
(6.2)
0.260
(6.7)
0.290
(6.7)
0.320
(8.2)
0.260
(6.8)
0.290
(7.4)
0.320
(8.1)
0.340
(8.8)
0.370
(9.6)
0.320
(8.3)
0.360
(9.1)
0.390
(9.9)
0.430 (10.9)
0.470 (11.9)
0.520 (13.2)
0.500 (12.8)
0.550 (14.1)
0.610 (15.6)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
1.190 (30.3)
1.190 (30.3)
1.190 (30.3)
Snubber Capacitors
Polypropylene



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com