Electronic Components Datasheet Search
  English  ▼

X  

CHA2266 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2266
Description  12.5-17GHz Low-Noise Driver Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2266 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2266 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CHA2266
12.5-17GHz Driver Amplifier
Ref. : DSCHA22662242 - 30-Aug.-02
2/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristicts
Tamb = +25°C, Vdd = 4V
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
12.5
17
GHz
G
Small signal gain
34
dB
∆G
Small signal gain flatness
± 0.5
dB
NF
Noise Figure
2.5
3.0
dB
RLin
Input return loss
-10
dB
RLout
Output return loss
-10
dB
P1dB
Output power at 1 dB gain compression
14
15
dBm
Pin
Maximum peak input overdrive (1)
15
dBm
Vdd
Drain bias voltage
4
V
Id small
signal
Drain bias current
130
mA
(1) Duration < 1s
Typical Results
Typical Chip Response ( On wafer S-parameter*)
*Return loss improves with bondings.
Typical CHA2266
( Vds = 4V, Ids = 130mA )
4.1
2.9
2.5
2.0
1.9
1.6
1.5
1.5
2.2
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
56789
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Frequency / GHz
MS11
MS21
MS22
NF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com