Electronic Components Datasheet Search
  English  ▼

X  

AS3930 Datasheet(PDF) 12 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 12 Page - ams AG

Back Button AS3930 Datasheet HTML 8Page - ams AG AS3930 Datasheet HTML 9Page - ams AG AS3930 Datasheet HTML 10Page - ams AG AS3930 Datasheet HTML 11Page - ams AG AS3930 Datasheet HTML 12Page - ams AG AS3930 Datasheet HTML 13Page - ams AG AS3930 Datasheet HTML 14Page - ams AG AS3930 Datasheet HTML 15Page - ams AG AS3930 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
www.austriamicrosystems.com/AS3930
Revision 1.0
12 - 33
AS3930
Data Sheet - D e t a i l e d D e s c r i p t i o n
AS3930 needs the following external components:
Power supply capacitor - CBAT – 100 nF
32.768 kHz crystal with its two pulling capacitors – XTAL and CL (it is possible to omit these components if the internal RC oscillator is used
instead of the crystal oscillator).
Input LC resonator.
In case the internal RC-oscillator is used (no crystal oscillator is mounted), the pin XIN has to be connected to the supply, while pin XOUT should
stay floating. Application diagrams with and without crystal are shown in Figure 1 and Figure 2
8.2 Operating modes
8.2.1 Power Down Mode
In Power Down Mode AS3930 is completely switched off. The typical current consumption is 400 nA.
8.2.2 Listening Mode
In listening mode only the channel amplifier and the RTC are running. In this mode the system detects the presence of a carrier. In case the
carrier is detected the RSSI can be displayed.
Inside this mode it is possible to distinguish the following three sub modes:
8.2.2.1 Standard Listening mode
The channel amplifier, capable to detect the presence of the carrier frequency, is active all the time.
8.2.2.2 ON/OFF mode (Low Power mode)
The channel amplifier is active for one millisecond to be than switched-off for a certain time. The OFF-time is programmable see R4<7:6>.
Figure 11. ON/OFF Mode
For both sub modes it is possible to enable a further feature called Artificial Wake-up. If the Artificial Wakeup is enabled the AS3930 produces an
interrupt after a certain time regardless whether any activity is detected on the input. The period of the Artificial Wake-up is defined in the register
R8<2:0>. The user can distinguish between Artificial Wake-up and Wake-up based on the field detection (frequency or pattern detection) since
the Artificial Wake-up interrupt lasts only 128 μs. With this interrupt the microcontroller (μC) can get feedback on the surrounding environment
(e.g. read the false wakeup register, see relator register R13<7:0>) and/or take actions in order to change the setup.
8.2.3 Preamble Detection / Pattern Correlation
The chip can go in to this mode after detecting a LF carrier only if the data correlator function is enabled see R1<1>. The correlator searches
first for preamble frequency (constant frequency of Manchester clock defined according to bit-rate transmission) and then for data pattern.
If the pattern is matched the wake-up interrupt is displayed on the WAKE output and the chip goes in data receiving mode. If the pattern fails the
internal wake-up is terminated and no IRQ is produced.
Channel
Presence of
Carrier
t0
t0 + 1ms
t0 + T
t0 + T + 1ms
t0 + 2T
Time
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com