Electronic Components Datasheet Search
  English  ▼

X  

AS3932 Datasheet(PDF) 10 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 10 Page - ams AG

Back Button AS3932 Datasheet HTML 6Page - ams AG AS3932 Datasheet HTML 7Page - ams AG AS3932 Datasheet HTML 8Page - ams AG AS3932 Datasheet HTML 9Page - ams AG AS3932 Datasheet HTML 10Page - ams AG AS3932 Datasheet HTML 11Page - ams AG AS3932 Datasheet HTML 12Page - ams AG AS3932 Datasheet HTML 13Page - ams AG AS3932 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
www.austriamicrosystems.com/AS3932
Revision 1.2
10 - 33
AS3932
Data Sheet - Typical Operating Characteristics
7 Typical Operating Characteristics
Figure 6. Sensitivity over Voltage and Temperature
Figure 7. Sensitivity over RSSI
Figure 8. RC-Osc Frequency over Voltage (calibr.)
Figure 9. RC-Osc Frequency over Temperature (calibr.)
VIN = 2.4V
VIN = 1.5V
VIN = 1.0V
0
20
40
60
80
100
120
2.4
3
3.6
Supply Voltage [V]
-40 oC
27 oC
95 oC
1
10
100
1000
10000
100000
1000000
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
RSSI [dB]
31
31.5
32
32.5
33
33.5
34
34.5
2.4
2.6
2.8
3
3.2
3.4
3.6
Supply Voltage [V]
31
31.5
32
32.5
33
33.5
34
34.5
-36 -30 -20 -10
0
1020304050
60
70
80
90
Operating Temperature [oC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com