Electronic Components Datasheet Search
  English  ▼

X  

AS5035 Datasheet(PDF) 9 Page - ams AG

Part # AS5035
Description  PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5035 Datasheet(HTML) 9 Page - ams AG

Back Button AS5035_1 Datasheet HTML 5Page - ams AG AS5035_1 Datasheet HTML 6Page - ams AG AS5035_1 Datasheet HTML 7Page - ams AG AS5035_1 Datasheet HTML 8Page - ams AG AS5035_1 Datasheet HTML 9Page - ams AG AS5035_1 Datasheet HTML 10Page - ams AG AS5035_1 Datasheet HTML 11Page - ams AG AS5035_1 Datasheet HTML 12Page - ams AG AS5035_1 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AS5035 – 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 9 of 17
For each misalignment step, the measurement as shown
in Figure 14 is repeated and the accuracy
(Errmax – Errmin)/2 (e.g. 0.25° in Figure 14) is entered as
the Z-axis in the 3D-graph.
The maximum non-linearity error on this example is
better than
±1 degree (inner circle) over a misalignment
radius of ~0.7mm. For volume production, the placement
tolerance of the IC within the package (
±0.235mm) must
also be taken into account.
The total nonlinearity error over process tolerances,
temperature and a misalignment circle radius of 0.25mm
is specified better than
±1.4 degrees.
The magnet used for these measurement was a
cylindrical NdFeB (Bomatec® BMN-35H) magnet with
6mm
diameter
and
2.5mm
in
height.
Figure 14: Example of linearity error over 360°
10.2 Transition Noise
Transition noise is defined as the jitter in the transition
between two steps.
Due to the nature of the measurement principle (Hall
sensors + Preamplifier + ADC), there is always a certain
degree of noise involved.
This transition noise voltage results in an angular
transition noise at the outputs. It is specified as 0.06
degrees rms (1 sigma)*1.
This is the repeatability of an indicated angle at a given
mechanical position.
The transition noise influences the period, width and
phase shift of the output signals A, B and Index:
Parameter
Tolerance (1
σ)
(rms)
Tolerance (3
σ)
(peak)
Index Pulse
width
1.406° +/-0.06°
1.406° +/-0.18°
A,B Pulse width
2.813° +/-0.06°
2.813° +/-0.18°
Period
5.625° +/-0.06°
5.625° +/-0.18°
A-B Phase shift
90e° +/-1.9e°
90e° +/-5.7e°
Table 3: Incremental signal tolerances with transition noise
e° = electrical degrees (see Figure 5)
*1
: statistically, 1 sigma represents 68.27% of readings,
3 sigma represents 99.73% of readings.
The algorithm used to generate the incremental outputs
guarantees no missing or additional pulses even at high
speeds (up to 30,000 rpm and higher)
10.3 High Speed Operation
10.3.1
Sampling Rate
The AS5035 samples the angular value at a rate of 10k
samples per second. Consequently, the incremental
outputs are updated each 100µs.
At a stationary position of the magnet, this sampling rate
creates no additional error.
Incremental encoders are usually required to produce no
missing pulses up to several thousand rpm’s.
Therefore, the AS5035 has a built-in interpolator, which
ensures that there are no missing pulses at the
incremental outputs for rotational speeds of up to
10,000rpm.
linearity error with centered magnet [degrees]
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
°
90°
180°
270°
360°
transition noise
Err max
Err min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com