Electronic Components Datasheet Search
  English  ▼

X  

SF31 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SF31
Description  SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SF31 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  SF31 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SF31 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50
SF31 thru SF36
Maximum Recurrent Peak Reverse Voltage
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
VF
IR
IO
IFSM
CJ
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum DC Blocking Voltage
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
Maximum Instantaneous Forward Voltage at 3.0A DC
Peak Forward Surge Current, 8.3 ms single half
sine-wave superimposed on rated load (JEDEC method)
Maximum Average Forward Rectified Current
.375" (9.5mm) lead length
SF31
SF31
SF33
SF33
SF35
SF35
SF32
SF32
SF34
SF34
SF36
SF36
UNITS
UNITS
100
400
150
200
300
Volts
Volts
Volts
Volts
Amps
Amps
uAmps
uAmps
0C
35
70
280
105
140
210
50
100
400
150
200
-65 to +150
0.95
1.25
5.0
50
35
3.0
125
50
30
300
0
MAXIMUM RATINGS ( At TA=25 C unless otherwise noted)
0
ELECTRICAL CHARACTERISTICS ( At TA=25 C unless otherwise noted)
Notes : 1.Test Condition: IF=0.5A, IR=1.0A, IRR=0.25A
2.Measured at 1 MHz and applied reverse voltage of 4.0 volts
FEATURES
High reliability
Low leakage
Low forward voltage
High current capability
Super fast switching speed
High surge capability
Good for switching mode circuit
MECHANICAL DATA
Case:Molded plastic
Epoxy:UL94V-0 rate flame retardant
Lead:MIL-STD-202E method 208C quaranted
Mounting position:Any
Weigh:1.18 grams
CHENG- YI
CHENG- YI
ELECTRONIC
SUPER FAST RECTIFIER
SUPER FAST RECTIFIER
SUPER FAST RECTIFIER
VOLTAGE RANGE-50 to 400 Volts
CURRENT-3.0 Amperese
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Signle phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
0
@TA=55 C
0
@TA=25 C
0
@TA=150 C
Maximum DC Reverse Current at
Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note1)
trr
nSec
TSTG
TJ
RATINGS
CHARACTERISTICS
SYMBOL
SYMBOL
pF
.052(1.3)
.048(1.2)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.220(5.6)
.197(5.0)
.375(9.5)
.335(8.5)
DIA.
DIA.


Similar Part No. - SF31

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF31 MOSPEC-SF31 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
logo
Won-Top Electronics
SF31 WTE-SF31 Datasheet
47Kb / 3P
3.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF31 ZOWIE-SF31 Datasheet
50Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF31 RECTRON-SF31 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 3.0 Amperes)
logo
Jinan Gude Electronic D...
SF31 JGD-SF31 Datasheet
160Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF31

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SF101 CHENYI-SF101 Datasheet
151Kb / 2P
SUPER FAST RECTIFIER
SF201 CHENYI-SF201 Datasheet
158Kb / 2P
SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
SUPER FAST RECTIFIER
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
UGP30A BILIN-UGP30A Datasheet
65Kb / 2P
SUPER FAST RECTIFIER
USF21 BILIN-USF21 Datasheet
61Kb / 2P
SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com