Electronic Components Datasheet Search
  English  ▼

X  

FR2J Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # FR2J
Description  SURFACE MOUNT ULTRAFAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

FR2J Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  FR2J Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. FR2J Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
-50 TO 800 VOLTS
CURRENT
-2.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, reistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOLS
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
Maximum RMS Voltage
Maximum DC Blocking Voltage
UNITS
V
V
V
FR2A
50
35
50
FR2B
100
70
100
FR2D
200
140
200
FR2G
400
280
400
Maximum Average Forward Rectified Current,
0
at TL=90 C
I(AV)
A
2.0
IFSM
Peak Forward Surge Current
8.3 ms single half sine-wave superimposed
on rated load (JEDEC Method)
A
50.0
FR2J
600
420
600
FR2K
800
560
800
Notes : 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1.0 MHZ and Applied Vr=4.0 volts.
2
3. 8.0mm (.013mm thick) land areas.
T, TSTG
J
Operating and Storage Temperature Range
0C
-50 to +150
Maximum Thermal Resistance (Note 3)
20.0
0C/W
RJL
Typical Junction Capacitance (Note 2)
0
Maximum Reverse Recovery Time (Note 1) TJ=25 C
V
F
IR
TRR
CJ
Maximum Instantaneous Forward Voltage at 2.0A
0
T
Maximum DC Reverse Current
@
=25 C
A
0
T
at Rated DC Blocking Voltage
@
=125 C
A
A
nS
V
5.0
200
150
250
500
1.30
40
pF
SURFACE MOUNT ULTRAFAST
RECTIFIER
SURFACE MOUNT ULTRAFAST
RECTIFIER
.002(.051)
.008(.203)
.006(.152)
.012(.305)
.200(5.08)
.220(5.59)
.083(2.13)
.096(2.44)
.030(0.76)
.050(1.27)
.160(4.06)
.185(4.70)
.130(3.30)
.155(3.94)
.075(1.91)
.083(2.11)
SMB/DO-214AA
FR2A thru FR2K
Dimensions in inches and (millimeters)
FEATURES
For surface mounted applications
Low profile package
Built-in strain relief
Easy pick and place
Fast recovery times for high efficiency
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Glass passivated chip junction
High temperature soldering
o
260 C/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AA molded plastic
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity: Indicated by cathode band
Standard Packaging: 12mm tape (EIA-481)
Weight: 0.003 ounces, 0.093 gram


Similar Part No. - FR2J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR2J PANJIT-FR2J Datasheet
59Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
FR2J SURGE-FR2J Datasheet
80Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes?
logo
Transys Electronics
FR2J TRSYS-FR2J Datasheet
195Kb / 3P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Dc Components
FR2J DCCOM-FR2J Datasheet
534Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR2J MCC-FR2J Datasheet
622Kb / 3P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - FR2J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH3B VISHAY-UH3B Datasheet
108Kb / 5P
Surface Mount Ultrafast Rectifier
29-May-08
US1A VISHAY-US1A Datasheet
107Kb / 5P
Surface Mount Ultrafast Rectifier
27-Aug-07
logo
Pan Jit International I...
UF3A PANJIT-UF3A_09 Datasheet
113Kb / 3P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH1PB VISHAY-UH1PB Datasheet
83Kb / 5P
Surface Mount Ultrafast Rectifier
19-Apr-11
US1A VISHAY-US1A_11 Datasheet
85Kb / 5P
Surface Mount Ultrafast Rectifier
19-Apr-11
UH1B VISHAY-UH1B_V01 Datasheet
91Kb / 5P
Surface Mount Ultrafast Rectifier
17-Dec-12
UH3B VISHAY-UH3B_V01 Datasheet
90Kb / 5P
Surface Mount Ultrafast Rectifier
17-Dec-12
US1 VISHAY-US1_V01 Datasheet
1Mb / 5P
Surface-Mount Ultrafast Rectifier
08-Apr-2020
UH2B-M3 VISHAY-UH2B-M3 Datasheet
88Kb / 4P
Surface Mount Ultrafast Rectifier
Revision: 23-Oct-13
UH2B VISHAY-UH2B_V01 Datasheet
91Kb / 5P
Surface Mount Ultrafast Rectifier
22-Mar-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com