Electronic Components Datasheet Search
  English  ▼

X  

AS5046 Datasheet(PDF) 23 Page - ams AG

Part # AS5046
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046 Datasheet(HTML) 23 Page - ams AG

Back Button AS5046_1 Datasheet HTML 19Page - ams AG AS5046_1 Datasheet HTML 20Page - ams AG AS5046_1 Datasheet HTML 21Page - ams AG AS5046_1 Datasheet HTML 22Page - ams AG AS5046_1 Datasheet HTML 23Page - ams AG AS5046_1 Datasheet HTML 24Page - ams AG AS5046_1 Datasheet HTML 25Page - ams AG AS5046_1 Datasheet HTML 26Page - ams AG AS5046_1 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 23 of 33
Range
Selector
OR1
OR0
ClampMdEN
0 360 ° 0
0 180 ° 1
1 90 ° 0
1 45 ° 1
10 bit
digital
REF_ extEN
0= int
DACref
VDD5V
+
-
0 - 100 % VDD5 V /2
LDO
3.3V
VDD3V3
916
15
DACout
10
VOUT
12
Rf_int
30k
Rg_int
30k
10bit
analog
FB
11
FB_intEN
1=int
Gain = 2 x (int)
CL
<100pF
360°angle
0
Vout
VDD
DAC
1= ext
0=ext
0 = 0-100 % * Vref( def.)
1= 10-9 0 % * Vref
VDD5V / 2
Vref
VSS
1-10µF
7
PROG
SDO
SCL
CSn
34
6
8
MagRngn
Mode
Magnetic field range alarm. Active
low. Leave open or connect to
VSS if not used
DAC output pin.
Leave open if no used
NC
13
Test pins.
Leave open
NC
5
NC
14
2
1
from
DSP
RLmin
= 4k7
Rf
Rg
Mode pin.
Default = open
(low noise)
External DAC reference pin.
Leave open or connect to
VSS if not used
Digital serial
interface, 10bit/360°.
Leave open if not
used. CSn and CLK
may also be tied to
VSS if no used
for OTP
programming and
alignment mode
only. Leave open
or connect to VSS
if not used
OP-Amp feedback pin.
Leave open if not used.
Connect pins 15 and 16
for VDD = 3.0 – 3.6V.
Do NOT connect for
VDD = 4.5 – 5.5V!
Figure 17: Analog output block diagram
12.2.1 Angular Range Selector
The Angular Range selector allows a digital pre-selection
of the angular range. The AS5046 can be configured for
a full scale angular range of 45°, 90°, 180° or 360°. In
addition, the Output voltage versus angle response can
be fine-tuned by setting the gain of the OP-AMP with
external resistors and the maximum output voltage can
be set in the DAC.
The combination of these options allows to configure the
operation range of the AS5046 for all angles up to 360°
and output voltages up to 5.5V
The response curve for the analog output is linear for the
selected range (45°/90°/180°/360°). In addition, the
slope is mirrored at 180° for 45°- and 90°- modes and
has a step response at 270° for the 180°-mode. This
allows the AS5046 to be used in a variety of applications.
In these three modes, the output remains at Vout,max and
Vout,min to avoid a sudden output change when the
mechanical angle is rotated beyond the selected analog
range. In 360°-mode, a jitter between Vout,max and Vout,min
at the 360° point is also prevented due to a hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com