Electronic Components Datasheet Search
  English  ▼

X  

AS5145A Datasheet(PDF) 20 Page - ams AG

Part # AS5145A
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145A Datasheet(HTML) 20 Page - ams AG

Back Button AS5145A Datasheet HTML 16Page - ams AG AS5145A Datasheet HTML 17Page - ams AG AS5145A Datasheet HTML 18Page - ams AG AS5145A Datasheet HTML 19Page - ams AG AS5145A Datasheet HTML 20Page - ams AG AS5145A Datasheet HTML 21Page - ams AG AS5145A Datasheet HTML 22Page - ams AG AS5145A Datasheet HTML 23Page - ams AG AS5145A Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
www.austriamicrosystems.com/AS5145
Revision 1.10
20 - 36
AS5145
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9.1.2 OTP Memory Assignment
9.1.3 User Selectable Settings
The AS5145 allows programming of the following user selectable options:
- PWMhalfEN_Indexwidth: Setting this bit, the PWM pulse will be divided by 2, in case of quadrature incremental mode A/B/Index setting
of Index impulse width from 1 LSB to 3LSB
- Output Md0: Setting this bit enables sync- or 10bit incrememantal mode (see Table 10).
- Output Md1: Setting this bit enables sync- or 12bit incrememantal mode (see Table 10).
- Z [11:0]: Programmable Zero / Index Position
Table 13. OTP Bit Assignment
Bit
Symbol
Function
mbit1
Factory Bit 1
51
PWMhalfEN_Index width
PMW frequency Index pulse width
50
MagCompEn
Alarm mode (programmed by
austriamicrosystems to 1)
49
pwmDIS
Disable PWM
48
Output Md0
Default, 10 bit inc, 12 bit inc
Sync mode
47
Output Md1
46
Z0
12 bit Zero Position
::
35
Z11
34
CCW
Direction
33
RA0
Redundancy Address
::
29
RA4
28
FS 0
Factory Bit
27
FS 1
26
FS 2
25
FS 3
24
FS 4
23
FS 5
::
20
FS 8
19
FS 9
18
FS 10
17
ChipID0
18 bit Chip ID
16
ChipID1
::
0
ChipID17
mbit0
Factory Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com