Electronic Components Datasheet Search
  English  ▼

X  

AS5304B Datasheet(PDF) 9 Page - ams AG

Part # AS5304B
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304B Datasheet(HTML) 9 Page - ams AG

Back Button AS5304B Datasheet HTML 5Page - ams AG AS5304B Datasheet HTML 6Page - ams AG AS5304B Datasheet HTML 7Page - ams AG AS5304B Datasheet HTML 8Page - ams AG AS5304B Datasheet HTML 9Page - ams AG AS5304B Datasheet HTML 10Page - ams AG AS5304B Datasheet HTML 11Page - ams AG AS5304B Datasheet HTML 12Page - ams AG AS5304B Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AS5304/AS5306 Integrated Hall IC for linear and off-axis rotary motion detection
Revision 1.5
www.austriamicrosystems.com
Page 9 of 13
8.1
Resolution and Maximum Rotating Speed
When using the AS5304/AS5306 in an off-axis rotary application, a multi-pole ring magnet must be used. Resolution, diameter
and maximum speed depend on the number of pole pairs on the ring.
8.1.1
Resolution
The angular resolution increases linearly with the number of pole pairs. One pole pair has a resolution (= interpolation factor) of
160 steps or 40 quadrature pulses.
Resolution [steps] = [interpolation factor] x [number of pole pairs]
Resolution [bit] = log (resolution[steps]) / log (2)
Example: multi-pole ring with 22 pole pairs
Resolution
= 160x22 = 3520 steps per revolution
= 40x22 = 880 quadrature pulses / revolution
= 11.78 bits per revolution = 0.1023° per step
8.1.2
Multi-pole Ring Diameter
The length of a pole pair across the median of the multi-pole ring must remain fixed at either 4mm (AS5304) or 2.4mm
(AS5306). Hence, with increasing pole pair count, the diameter increases linearly with the number of pole pairs on the magnetic
ring.
Magnetic ring diameter = [pole length] * [number of pole pairs] / π
for AS5304: d = 4.0mm * number of pole pairs / π
for AS5306: d = 2.4mm * number of pole pairs / π
Example: same as above: multi-pole ring with 22 pole pairs for AS5304
Ring diameter =
4 * 22 / 3.14 = 28.01mm (this number represents the median diameter of the ring, this is where the
Hall elements of the AS5304/AS5306 should be placed; see Figure 4)
For the AS5306, the same ring would have a diameter of: 2.4 * 22 / 3.14 = 16.8mm
8.1.3
Maximum Rotation Speed
The AS5304/AS5306 use a fast interpolation technique allowing an input frequency of 5kHz. This means, it can process
magnetic field changes in the order of 5000 pole pairs per second or 300,000 revolutions per minute. However, since a magnetic
ring consists of more than one pole pair, the above figure must be divided by the number of pole pairs to get the maximum
rotation speed:
Maximum rotation speed = 300,000 rpm / [number of pole pairs]
Example: same as above: multi-pole ring with 22 pole pairs:
Max. speed = 300,000 / 22 = 13,636 rpm (this is independent of the pole length)
8.1.4
Maximum Linear Travelling Speed
For linear motion sensing, a multi-pole strip using equally spaced north and south poles is used. The pole length is again fixed
at 2.0mm for the AS5304 and 1.2mm for the AS5306. As shown in 8.1.3 above, the sensors can process up to 5000 pole pairs
per second, so the maximum travelling speed is:
Maximum linear travelling speed = 5000 * [pole pair length]
Example: linear multi-pole strip:
Max. linear travelling speed = 4mm * 5000 1/sec = 20,000mm/sec = 20m/sec
for AS5304
Max. linear travelling speed = 2.4mm * 5000 1/sec = 12,000mm/sec = 12m/sec
for AS5306



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com