Electronic Components Datasheet Search
  English  ▼

X  

AS5306B Datasheet(PDF) 12 Page - ams AG

Part # AS5306B
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5306B Datasheet(HTML) 12 Page - ams AG

Back Button AS5306B Datasheet HTML 5Page - ams AG AS5306B Datasheet HTML 6Page - ams AG AS5306B Datasheet HTML 7Page - ams AG AS5306B Datasheet HTML 8Page - ams AG AS5306B Datasheet HTML 9Page - ams AG AS5306B Datasheet HTML 10Page - ams AG AS5306B Datasheet HTML 11Page - ams AG AS5306B Datasheet HTML 12Page - ams AG AS5306B Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AS5304/AS5306 Integrated Hall IC for linear and off-axis rotary motion detection
Revision 1.5
www.austriamicrosystems.com
Page 12 of 13
9.6
Magnetic Input
Parameter
Symbol
Min
Typ
Max
Unit
Note
2.0
AS5304
Magnetic pole length
LP_FP
1.2
mm
AS5306
4.0
AS5304
Magnetic pole pair length
TFP
2.4
mm
AS5306
Magnetic amplitude
Amag
5
60
mT
Operating dynamic input range
1:12
1:24
Magnetic offset
Offmag
±0.5
mT
Magnetic temperature drift
Tdmag
-0.2
%/K
Input frequency
fmag
0
5
kHz
Table 1:
AS5304 ordering guide
Device
Resolution
Magnet Pole Length
Digital Outputs
AS5304A
25µm
2mm
Push Pull
AS5304B
25µm
2mm
Open Drain
Table 2:
AS5306 ordering guide
Device
Resolution
Magnet Pole Length
Digital Outputs
AS5306A
15µm
1.2mm
Push Pull
AS5306B
15µm
1.2mm
Open Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com