Electronic Components Datasheet Search
  English  ▼

X  

AS8218 Datasheet(PDF) 66 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 66 Page - ams AG

Back Button AS8218 Datasheet HTML 62Page - ams AG AS8218 Datasheet HTML 63Page - ams AG AS8218 Datasheet HTML 64Page - ams AG AS8218 Datasheet HTML 65Page - ams AG AS8218 Datasheet HTML 66Page - ams AG AS8218 Datasheet HTML 67Page - ams AG AS8218 Datasheet HTML 68Page - ams AG AS8218 Datasheet HTML 69Page - ams AG AS8218 Datasheet HTML 70Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 66 of 123
Control Register (SSPCON, 9400h)
The control register is used for enabling the SPI-interrupts and to control the chip select of the SPI.
MSB
LSB
IETR
IEOV
IECO
IECS
CSO
-
AUTO
-
Bit
Symbol Function
7
IETR
Transmit interrupt enable
Issued after data register has been serially loaded with new data (slave mode) or if data has been
shifted out after write access (master mode)
0: disable
1: enable
6
IEOV
Overrun interrupt enable
Issued if ITRA still set and new data serially arrived
0: disable
1: enable
5
IECO
Write collision interrupt enable
Issued if data register is written during transmission
0: disable
1: enable
4
IECS
Chip select interrupt enable
Issued if chip-select pin is activated during master/slave mode
0: disable
1: enable
3
CSO
Chip select output state in master mode if AUTO = 0
Inverted state of output signal S_N
0: S_N = ‘1’
1: S_N = ‘0’ (active)
2
-
Not used
1
AUTO
1: Automatically activates the S_N (= ’0’) after data has been written to the data register and
deactivates S_N (= ’1’) after transfer completed
0: S_N depends on the CSO bit (
→ manual S_N setting)
0
-
Not used
Recommended programming for SSPCON with no interrupts enabled:
Mode
SSPCON
S_N Auto mode
02h
Manual S_N=1 (inactive)
00h
Manual S_N=0 (active)
08h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com