Electronic Components Datasheet Search
  English  ▼

X  

AS8500 Datasheet(PDF) 25 Page - ams AG

Part # AS8500
Description  Universal multi pupose data aquisition system
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8500 Datasheet(HTML) 25 Page - ams AG

Back Button AS8500_1 Datasheet HTML 21Page - ams AG AS8500_1 Datasheet HTML 22Page - ams AG AS8500_1 Datasheet HTML 23Page - ams AG AS8500_1 Datasheet HTML 24Page - ams AG AS8500_1 Datasheet HTML 25Page - ams AG AS8500_1 Datasheet HTML 26Page - ams AG AS8500_1 Datasheet HTML 27Page - ams AG AS8500_1 Datasheet HTML 28Page - ams AG AS8500_1 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
AS8500 - Data Sheet
austriamicrosystems
Revision 1.2, 08-Junel-06
www.austriamicrosystems.com
Page 25 of
41
TRIMBV=16+int(-(Uam-1.232)/0.0051) for Uam below the ideal value.
subregister TRIMBTC
change of reference voltage Uo and TC-value with TRIMBTC bits
Nr.
trimbtc0
VREF
TC
Notes
trimbtcs
trimbtc3
trimbtc2
1
trimbtc1
1
mV
ppm/K
0
0
0
0
0
0
Uo
TCo
1),2)
1
0
0
0
0
1
Uo -1*5.2
TCo -1*12.7
1),2)
2
0
0
0
1
0
Uo -2*5.2
TCo -2*12.7
1),2)
..
..
..
..
..
..
..
14
0
1
1
1
0
Uo –14*5.2
TCo -14*12.7
1),2)
15
0
1
1
1
1
Uo –15*5.2
TCo -15*12.7
1),2)
16
1
0
0
0
0
Uo
1),2)
17
1
0
0
0
1
Uo +1*5.2
TCo +1*12.7
18
1
0
0
1
0
Uo +2*5.2
TCo -2*12.7
1),2)
..
..
..
..
..
..
..
..
30
1
1
1
1
0
Uo +14*5.2
TCo -14*12.7
1),2)
31
1
1
1
1
1
Uo +15*5.2
TCo -15*12.7
Notes:
1)
Uo is the reference voltage in mV and TCo is the TC value in ppm/K at TRIMBV = 00000
2)
Every step of TRIMBTC settings brings
$BTC=5.2 mV change in absolute value of the reference voltage and
S=12.7 ppm/K change in the slope of temperature dependence. So for trimming the temperature coefficient of
the band-gap reference 2 measurements are recommended ( at T1=25oC and at T2=125oC ). If the measured TC
value is TCm then the number that should be written into the TRIMBTC for minimum final TC is calculated as
trimBTC=int(TCM/12.7) for positive values and trimBTC=16+int(-TCM/12.7) for negative values.
The absolute voltage is also changed in this way, which must be compensated by bringing back the absolute value by changing the TRIMBV
register. Usually the TRIMBVx=-TRIMBTCx+1 is sufficient. If further accuracy or change of absolute value is necessary it can be adjusted by
making some more measurements and adjustments.
ZZR REGISTER:
ZTR
ZCL
ZTC
20
110
53
TRR
CAR
bit0
bit0
reg.7
reg.6
5
TRR
CAR
data in
bit0
bit0
R/W
188
ZLO
ZLO
Figure 4 Copying of ZCL and ZTR registers into CAR and TRR registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com