Electronic Components Datasheet Search
  English  ▼

X  

CHA2395 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2395
Description  36-40GHz Low Noise Very High Gain Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2395 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2395 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2395 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2395 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2395 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2395 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2395 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHA2395
36-40GHz Low Noise Amplifier
Ref. : DSCHA23952240 -28-Aug.-02
2/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = +25°C, Vd= 3.5V
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range (1)
36
40
GHz
G
Small signal gain (1)
25
30
dB
∆G
Small signal gain flatness (1)
±1.5
dB
∆Gsb
Gain ripple over 40MHz ( within -30 ; +75°C )
0.5
dBpp
Is
Reverse isolation (1)
35
40
dB
P1dB
Output power at 1dB gain compression
8
10
dBm
VSWRin
Input VSWR (1)
2.5:1
3.0:1
VSWRout Output VSWR (1)
2.5:1
3.0:1
NF
Noise figure (2)
3.0
4.0
dB
Vdc
DC Voltage
Vd
Vg
-2
3.5
4
+0.4
V
V
Id
Bias current (2)
90
mA
(1) These values are representative of on-wafer measurements that are made without bonding
wires at the RF ports.
(2) 90 mA is the typical bias current used for on wafer measurements, with adjusting Vg1,2
voltage for optimum noise figure and Vg3,4 adjusting for maximum gain.
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
4.5
V
Vg
Gate bias voltage
-2.0 to +0.4
V
Vdg
Maximum drain to gate voltage (Vd - Vg)
+5.0
V
Id
Drain bias current
200
mA
Pin
Maximum peak input power overdrive (2)
+15
dBm
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1)
Operation of this device above anyone of these parameters may cause permanent damage.
(2)
Duration < 1s.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com