Electronic Components Datasheet Search
  English  ▼

X  

25AA1024 Datasheet(PDF) 1 Page - Microchip Technology

Part # 25AA1024
Description  1 Mbit SPI Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA1024 Datasheet(HTML) 1 Page - Microchip Technology

  25AA1024 Datasheet HTML 1Page - Microchip Technology 25AA1024 Datasheet HTML 2Page - Microchip Technology 25AA1024 Datasheet HTML 3Page - Microchip Technology 25AA1024 Datasheet HTML 4Page - Microchip Technology 25AA1024 Datasheet HTML 5Page - Microchip Technology 25AA1024 Datasheet HTML 6Page - Microchip Technology 25AA1024 Datasheet HTML 7Page - Microchip Technology 25AA1024 Datasheet HTML 8Page - Microchip Technology 25AA1024 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2010 Microchip Technology Inc.
DS21836G-page 1
25AA1024
Device Selection Table
Features:
• 20 MHz max. Clock Speed
• Byte and Page-level Write Operations:
- 256 byte page
- 6 ms max. write cycle time
- No page or sector erase required
• Low-Power CMOS Technology:
- Max. Write current: 5 mA at 5.5V, 20 MHz
- Read current: 7 mA at 5.5V, 20 MHz
- Standby current: 1
A at 2.5V
(Deep power-down)
• Electronic Signature for Device ID
• Self-Timed Erase and Write Cycles:
- Page Erase (6 ms max.)
- Sector Erase (10 ms max.)
- Chip Erase (10 ms max.)
• Sector Write Protection (32K byte/sector):
- Protect none, 1/4, 1/2 or all of array
• Built-In Write Protection:
- Power-on/off data protection circuitry
- Write enable latch
- Write-protect pin
• High Reliability:
- Endurance: 1M erase/write cycles
- Data Retention: >200 years
- ESD Protection: 4000V
• Temperature Ranges Supported:
- Industrial (I): -40°C to +85°C
• Pb-Free and RoHS Compliant
Pin Function Table
Description:
The Microchip Technology Inc. 25AA1024 is a 1024
Kbit serial EEPROM memory with byte-level and page-
level serial EEPROM functions. It also features Page,
Sector and Chip erase functions typically associated
with Flash-based products. These functions are not
required for byte or page write operations. The memory
is accessed via a simple Serial Peripheral Interface
(SPI) compatible serial bus. The bus signals required
are a clock input (SCK) plus separate data in (SI) and
data out (SO) lines. Access to the device is controlled
by a Chip Select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused, transi-
tions on its inputs will be ignored, with the exception of
Chip Select, allowing the host to service higher priority
interrupts.
The 25AA1024 is available in standard packages
including 8-lead PDIP and SOIJ, and advanced 8-lead
DFN package. All devices are Pb-free.
Package Types (not to scale)
Part Number
VCC Range
Page Size
Temp. Ranges
Packages
25AA1024
1.8-5.5V
256 Byte
I
P, SM, MF
Name
Function
CS
Chip Select Input
SO
Serial Data Output
WP
Write-Protect
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
HOLD
Hold Input
VCC
Supply Voltage
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
PDIP/SOIJ
(P, SM)
DFN
CS
SO
WP
VSS
HOLD
SCK
SI
5
6
7
8
4
3
2
1
VCC
(MF)
1 Mbit SPI Bus Serial EEPROM


Similar Part No. - 25AA1024

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
1 Mbit SPI Bus Serial EEPROM
2007
25AA1024 MICROCHIP-25AA1024 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25AA1024-E/MF MICROCHIP-25AA1024-E/MF Datasheet
591Kb / 30P
1 Mbit SPI Bus Serial EEPROM
2007
25AA1024-E/P MICROCHIP-25AA1024-E/P Datasheet
591Kb / 30P
1 Mbit SPI Bus Serial EEPROM
2007
25AA1024-E/SM MICROCHIP-25AA1024-E/SM Datasheet
591Kb / 30P
1 Mbit SPI Bus Serial EEPROM
2007
More results

Similar Description - 25AA1024

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
1 Mbit SPI Bus Serial EEPROM
2007
25LC1024 MICROCHIP-25LC1024_08 Datasheet
480Kb / 32P
1 Mbit SPI Bus Serial EEPROM
2008
25AA1024_1005 MICROCHIP-25AA1024_1005 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25LC1024 MICROCHIP-25LC1024 Datasheet
705Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25LC1024-ESM MICROCHIP-25LC1024-ESM Datasheet
705Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95M02-DRMN6TP STMICROELECTRONICS-M95M02-DRMN6TP Datasheet
1Mb / 41P
2-Mbit serial SPI bus EEPROM
13-Mar-2013
M95M01-125 STMICROELECTRONICS-M95M01-125 Datasheet
399Kb / 37P
Automotive 1-Mbit serial SPI bus EEPROM
20-Jun-2012
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024_15 Datasheet
496Kb / 36P
1 Mbit SPI Bus Serial EEPROM
01/27/15
logo
STMicroelectronics
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
M95M04-DR STMICROELECTRONICS-M95M04-DR Datasheet
843Kb / 46P
4-Mbit serial SPI bus EEPROM
October 2019 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com