Electronic Components Datasheet Search
  English  ▼

X  

MCP1825 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1825
Description  500 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1825 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1825 Datasheet HTML 8Page - Microchip Technology MCP1825 Datasheet HTML 9Page - Microchip Technology MCP1825 Datasheet HTML 10Page - Microchip Technology MCP1825 Datasheet HTML 11Page - Microchip Technology MCP1825 Datasheet HTML 12Page - Microchip Technology MCP1825 Datasheet HTML 13Page - Microchip Technology MCP1825 Datasheet HTML 14Page - Microchip Technology MCP1825 Datasheet HTML 15Page - Microchip Technology MCP1825 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
MCP1825/MCP1825S
DS22056B-page 12
© 2008 Microchip Technology Inc.
Note: Unless otherwise indicated, C
OUT = 4.7 µF Ceramic (X7R), CIN = 4.7 µF Ceramic (X7R), IOUT = 1 mA,
Temperature = +25°C, VIN = VOUT + 0.5V, Fixed output.
FIGURE 2-7:
Dropout Voltage vs. Load
Current (Adjustable Version).
FIGURE 2-8:
Dropout Voltage vs.
Temperature (Adjustable Version).
FIGURE 2-9:
Power Good (PWRGD)
Time Delay vs. Temperature.
FIGURE 2-10:
Quiescent Current vs. Input
Voltage.
FIGURE 2-11:
Quiescent Current vs. Input
Voltage.
FIGURE 2-12:
Ground Current vs. Load
Current.
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
50 100 150 200 250 300 350 400 450 500
Load Current (mA)
VOUT = 2.5V Adj
VOUT = 5.0V Adj
0.20
0.22
0.24
0.26
0.28
0.30
-45
-20
5
30
55
80
105
130
Temperature (°C)
VOUT = 3.3V Adj
VOUT = 5.0V Adj
VOUT = 2.5V Adj
IOUT = 500 mA
100
110
120
130
140
150
160
170
-45
-20
5
305580
105
130
Temperature (°C)
VOUT = 2.5V Fixed
VIN = 3.0V
VIN = 5.0V
VIN = 4.0V
VIN = 6.0V
90
100
110
120
130
140
150
160
23
456
Input Voltage (V)
-45°C
+130°C
+90°C
+25°C
VOUT = 0.8V
IOUT = 0 mA
0°C
90
100
110
120
130
140
150
33.544.5
55.5
6
Input Voltage (V)
VOUT = 2.5V
IOUT = 0 mA
+130°C
-45°C
+25°C
+90°C
+0°C
0
50
100
150
200
250
0
100
200
300
400
500
600
Load Current (mA)
VIN = 2.3V for VR=0.8V
VIN = 3.0V for VR=2.5V
VOUT=0.8V
VOUT=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com