Electronic Components Datasheet Search
  English  ▼

X  

MCP6031 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6031
Description  0.9 關A, High Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6031 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6031 Datasheet HTML 1Page - Microchip Technology MCP6031 Datasheet HTML 2Page - Microchip Technology MCP6031 Datasheet HTML 3Page - Microchip Technology MCP6031 Datasheet HTML 4Page - Microchip Technology MCP6031 Datasheet HTML 5Page - Microchip Technology MCP6031 Datasheet HTML 6Page - Microchip Technology MCP6031 Datasheet HTML 7Page - Microchip Technology MCP6031 Datasheet HTML 8Page - Microchip Technology MCP6031 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22041B-page 1
MCP6031/2/3/4
Features
• Rail-to-Rail Input and Output
• Low Offset Voltage:
±150 µV (maximum)
• Ultra Low Quiescent Current: 0.9 µA (typical)
• Wide Power Supply Voltage: 1.8V to 5.5V
• Gain Bandwidth Product: 10 kHz (typical)
• Unity Gain Stable
• Chip Select (CS) capability: MCP6033
• Extended Temperature Range:
- -40°C to +125°C
• No Phase Reversal
Applications
• Toll Booth Tags
• Wearable Products
• Battery Current Monitoring
• Sensor Conditioning
•Battery Powered
Design Aids
• SPICE Macro Models
• FilterLab® Software
• Mindi™ Circuit Designer & Simulator
• MAPS (Microchip Advanced Part Selector)
• Analog Demonstration and Evaluation Boards
• Application Notes
Typical Application
Description
The Microchip Technology Inc. MCP6031/2/3/4 family
of operational amplifiers (op amps) operate with a
single supply voltage as low as 1.8V, while drawing
ultra low quiescent current per amplifier (0.9 µA,
typical). This family also has low input offset voltage
(
±150 µV, maximum) and rail-to-rail input and output
operation. This combination of features supports
battery-powered and portable applications.
The MCP6031/2/3/4 family is unity gain stable and has
a gain bandwidth product of 10 kHz (typical). These
specs make these op amps appropriate for low fre-
quency
applications,
such
as
battery
current
monitoring and sensor conditioning.
The MCP6031/2/3/4 family is offered in single
(MCP6031), single with power saving Chip Select (CS)
input
(MCP6033),
dual
(MCP6032),
and
quad
(MCP6034) configurations.
The MCP6031/2/3/4 family is designed with Micro-
chip’s advanced CMOS process. All devices are
available in the extended temperature range, with a
power supply range of 1.8V to 5.5V.
Package Types
VDD
IDD
MCP6031
100 k
Ω
1M
Ω
1.4V
VOUT
High Side Battery Current Sensor
10
Ω
to
5.5V
I
DD
V
DD
V
OUT
–
10 V/V
() 10
Ω
()
⋅
------------------------------------------
=
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
NC
NC
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB–
VINB+
MCP6031
DFN, SOIC, MSOP
MCP6032
SOIC, MSOP
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
CS
NC
MCP6033
DFN, SOIC, MSOP
VINA+
VINA–
VDD
1
2
3
4
14
13
12
11
VOUTA
VOUTD
VIND–
VIND+
VSS
MCP6034
SOIC, TSSOP
VINB+ 5
10 VINC+
VINB– 6
9
VOUTB 7
8 VOUTC
VINC–
VIN+
VSS
VIN–
1
2
3
5
4
VDD
VOUT
MCP6031
SOT-23-5
0.9 µA, High Precision Op Amps


Similar Part No. - MCP6031

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6031 MICROCHIP-MCP6031 Datasheet
985Kb / 30P
0.9 uA, High Precision Op Amps
2007
MCP6031E/MS MICROCHIP-MCP6031E/MS Datasheet
985Kb / 30P
0.9 uA, High Precision Op Amps
2007
MCP6031E/SL MICROCHIP-MCP6031E/SL Datasheet
985Kb / 30P
0.9 uA, High Precision Op Amps
2007
MCP6031E/SN MICROCHIP-MCP6031E/SN Datasheet
985Kb / 30P
0.9 uA, High Precision Op Amps
2007
MCP6031E/ST MICROCHIP-MCP6031E/ST Datasheet
985Kb / 30P
0.9 uA, High Precision Op Amps
2007
More results

Similar Description - MCP6031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
MAX478 MAXIM-MAX478 Datasheet
256Kb / 12P
17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
Rev. 1; 11/98
logo
Microchip Technology
MCP6031 MICROCHIP-MCP6031 Datasheet
985Kb / 30P
0.9 uA, High Precision Op Amps
2007
MCP6071 MICROCHIP-MCP6071 Datasheet
699Kb / 34P
110 關A, High Precision Op Amps
2009
MCP6051 MICROCHIP-MCP6051 Datasheet
715Kb / 34P
30 關A, High Precision Op Amps
2009
MCP6071 MICROCHIP-MCP6071_10 Datasheet
1Mb / 40P
110 uA, High Precision Op Amps
2010
MCP6061 MICROCHIP-MCP6061_10 Datasheet
1Mb / 40P
60 關A, High Precision Op Amps
08/04/10
MCP6061T-EOT MICROCHIP-MCP6061T-EOT Datasheet
1Mb / 40P
60 關A, High Precision Op Amps
08/04/10
logo
3PEAK INC.
TP1561A 3PEAK-TP1561A Datasheet
1Mb / 19P
Stable 6MHz, 500關A, RRIO, Precision, Op Amps
logo
Microchip Technology
MCP6071 MICROCHIP-MCP6071_V01 Datasheet
856Kb / 42P
110 μA, High Precision Op Amps
Revision C November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com