Electronic Components Datasheet Search
  English  ▼

X  

PIC12F615 Datasheet(PDF) 168 Page - Microchip Technology

Part # PIC12F615
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615 Datasheet(HTML) 168 Page - Microchip Technology

Back Button PIC12F615 Datasheet HTML 164Page - Microchip Technology PIC12F615 Datasheet HTML 165Page - Microchip Technology PIC12F615 Datasheet HTML 166Page - Microchip Technology PIC12F615 Datasheet HTML 167Page - Microchip Technology PIC12F615 Datasheet HTML 168Page - Microchip Technology PIC12F615 Datasheet HTML 169Page - Microchip Technology PIC12F615 Datasheet HTML 170Page - Microchip Technology PIC12F615 Datasheet HTML 171Page - Microchip Technology PIC12F615 Datasheet HTML 172Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 212 page
background image
PIC12F609/615/617/12HV609/615
DS41302D-page 168
 2010 Microchip Technology Inc.
TABLE 16-14: DC CHARACTERISTICS FOR IDD SPECIFICATIONS FOR PIC12F615-H (High Temp.)
Param
No.
Device
Characteristics
Units
Min
Typ
Max
Condition
VDD
Note
D010
Supply Current (IDD)
A
—13
58
2.0
IDD LP OSC (32 kHz)
—19
67
3.0
—32
92
5.0
D011
A
—135
316
2.0
IDD XT OSC (1 MHz)
—185
400
3.0
—300
537
5.0
D012
A
—240
495
2.0
IDD XT OSC (4 MHz)
—360
680
3.0
mA
—
0.660
1.20
5.0
D013
A
—
75
158
2.0
IDD EC OSC (1 MHz)
—155
338
3.0
—345
792
5.0
D014
A
—185
357
2.0
IDD EC OSC (4 MHz)
—325
625
3.0
mA
—
0.665
1.30
5.0
D016
A
—245
476
2.0
IDD INTOSC (4 MHz)
—360
672
3.0
—
620
1.10
5.0
D017
A
—
395
757
2.0
IDD INTOSC (8 MHz)
mA
—
0.620
1.20
3.0
—
1.20
2.20
5.0
D018
A
—175
332
2.0
IDD EXTRC (4 MHz)
—285
518
3.0
—530
972
5.0
D019
mA
—
2.20
4.10
4.5
IDD HS OSC (20 MHz)
—
2.80
4.80
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com