Electronic Components Datasheet Search
  English  ▼

X  

PIC12F615 Datasheet(PDF) 169 Page - Microchip Technology

Part # PIC12F615
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615 Datasheet(HTML) 169 Page - Microchip Technology

Back Button PIC12F615 Datasheet HTML 165Page - Microchip Technology PIC12F615 Datasheet HTML 166Page - Microchip Technology PIC12F615 Datasheet HTML 167Page - Microchip Technology PIC12F615 Datasheet HTML 168Page - Microchip Technology PIC12F615 Datasheet HTML 169Page - Microchip Technology PIC12F615 Datasheet HTML 170Page - Microchip Technology PIC12F615 Datasheet HTML 171Page - Microchip Technology PIC12F615 Datasheet HTML 172Page - Microchip Technology PIC12F615 Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 212 page
background image
 2010 Microchip Technology Inc.
DS41302D-page 169
PIC12F609/615/617/12HV609/615
TABLE 16-15: DC CHARACTERISTICS FOR IPD SPECIFICATIONS FOR PIC12F615-H (High Temp.)
TABLE 16-16: WATCHDOG TIMER SPECIFICATIONS FOR PIC12F615-H (High Temp.)
TABLE 16-17: LEAKAGE CURRENT SPECIFICATIONS FOR PIC12F615-H (High Temp.)
Param
No.
Device
Characteristics
Units
Min
Typ
Max
Condition
VDD
Note
D020E
Power Down Base
Current
A
—
0.05
12
2.0
IPD Base
—
0.15
13
3.0
—
0.35
14
5.0
D021E
A
—0.5
20
2.0
WDT Current
—2.5
25
3.0
—9.5
36
5.0
D022E
A
—5.0
28
3.0
BOR Current
—6.0
36
5.0
D023E
A
—105
195
2.0
IPD Current (Both
Comparators Enabled)
—
110
210
3.0
—
116
220
5.0
A
—
50
105
2.0
IPD Current (One Comparator
Enabled)
—55
110
3.0
—
60
125
5.0
D024E
A
—30
58
2.0
IPD (CVREF, High Range)
—45
85
3.0
—
75
142
5.0
D025E
A
—39
76
2.0
IPD (CVREF, Low Range)
—59
114
3.0
—
98
190
5.0
D026E
A
—5.5
30
2.0
IPD (T1 OSC, 32 kHz)
—7.0
35
3.0
—8.5
45
5.0
D027E
A
—0.2
12
3.0
IPD (A2D on, not converting)
—0.3
15
5.0
Param
No.
Sym
Characteristic
Units
Min
Typ
Max
Conditions
31
TWDT
Watchdog Timer Time-out Period
(No Prescaler)
ms
6
20
70
150°C Temperature
Param
No.
Sym
Characteristic
Units
Min
Typ
Max
Conditions
D061
IIL
Input Leakage Current(1)
(GP3/RA3/MCLR)
µA
—
±0.5
±5.0
VSS
VPIN VDD
D062
IIL
Input Leakage Current(2)
(GP3/RA3/MCLR)
µA
50
250
400
VDD = 5.0V
Note 1:
This specification applies when GP3/RA3/MCLR is configured as an input with the pull-up disabled. The
leakage current for the GP3/RA3/MCLR pin is higher than for the standard I/O port pins.
2:
This specification applies when GP3/RA3/MCLR is configured as the MCLR reset pin function with the
weak pull-up enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com