Electronic Components Datasheet Search
  English  ▼

X  

MAX4162 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4162
Description  UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4162 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4162 Datasheet HTML 2Page - Maxim Integrated Products MAX4162 Datasheet HTML 3Page - Maxim Integrated Products MAX4162 Datasheet HTML 4Page - Maxim Integrated Products MAX4162 Datasheet HTML 5Page - Maxim Integrated Products MAX4162 Datasheet HTML 6Page - Maxim Integrated Products MAX4162 Datasheet HTML 7Page - Maxim Integrated Products MAX4162 Datasheet HTML 8Page - Maxim Integrated Products MAX4162 Datasheet HTML 9Page - Maxim Integrated Products MAX4162 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
UCSP, Micropower, Single-Supply, 10V,
Rail-to-Rail I/O Op Amps
6
_______________________________________________________________________________________
0
50
100
150
200
250
300
0
0.4
0.8
1.2
1.6
2.0
MAXIMUM OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
VDD = 3V OR 5V
LOAD TO VDD/2
0
50
100
150
200
250
300
0
0.4
0.8
1.2
1.6
2.0
MINIMUM OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
VDD = 3V OR 5V
LOAD TO VDD/2
0
10
20
30
40
50
60
70
80
90
100
MAXIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
(VDD = 5V)
TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
100
VDD = 5V
LOAD TO VDD/2
RL = 5kΩ
RL = 10kΩ
RL = 100kΩ
0
10
20
30
40
50
60
70
80
90
MINIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
(VDD = 3V)
TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
100
VDD = 3V
LOAD TO VDD/2
RL = 5kΩ
RL = 10kΩ
RL = 100kΩ
0
20
40
60
80
100
120
140
MINIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
(VDD = 5V)
TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
100
VDD = 5V
LOAD TO VDD/2
RL = 5kΩ
RL = 10kΩ
RL = 100kΩ
0
10
20
30
40
50
60
MAXIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
(VDD = 3V)
TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
100
VDD = 3V
LOAD TO VDD/2
RL = 5kΩ
RL = 10kΩ
RL = 100kΩ
0
20
40
60
80
100
120
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
NOISE VOLTAGE DENSITY
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
100Hz
1kHz
10kHz
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
1M
100k
NOISE VOLTAGE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
1k
100
10k
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
AV = 1
RL = 100k
Ω
VP-P = 4.99V
VP-P = 1V
Typical Operating Characteristics (continued)
(VDD = 5V, VSS = 0V, VCM = VDD/2, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com