Electronic Components Datasheet Search
  English  ▼

X  

CHA5093TCF Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA5093TCF
Description  24-26GHz High Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5093TCF Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA5093TCF Datasheet HTML 1Page - United Monolithic Semiconductors CHA5093TCF Datasheet HTML 2Page - United Monolithic Semiconductors CHA5093TCF Datasheet HTML 3Page - United Monolithic Semiconductors CHA5093TCF Datasheet HTML 4Page - United Monolithic Semiconductors CHA5093TCF Datasheet HTML 5Page - United Monolithic Semiconductors CHA5093TCF Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
24-26GHz High Power Amplifier
CHA5093TCF
Ref. : DSCHA50932035 - 04-Feb.-02
3/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical results on PCB (recommended motherboard layout)
Vd=6V, Id adjusted at 600mA
Gain versus output power
10
11
12
13
14
15
16
17
18
19
20
21
22
23
20
21
22
23
24
25
26
27
28
29
30
31
32
Pout (dBm)
23GHz
24GHz
25GHz
26GHz
Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com