Electronic Components Datasheet Search
  English  ▼

X  

DM9000EP Datasheet(PDF) 13 Page - Davicom Semiconductor, Inc.

Part # DM9000EP
Description  ISA to Ethernet MAC Controller with Integrated 10/100 PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9000EP Datasheet(HTML) 13 Page - Davicom Semiconductor, Inc.

Back Button DM9000EP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
13
Version: DM9000-DS-F03
April 23, 2009
6.1 Network Control Register (00H)
Bit
Name
Default
Description
7
EXT_PHY
0,RW
Selects external PHY when set. Selects Internal PHY when clear. This bit will not
be affected after software reset
6
WAKEEN
0,RW
Wakeup Event Enable
When set, it enables the wakeup function. Clearing this bit will also clears all
wakeup event status
This bit will not be affected after a software reset
5
RESERVED
0,RO
Reserved
4
FCOL
0,RW
Force Collision Mode, used for testing
3
FDX
0,RW
Full-Duplex Mode. Read only on Internal PHY mode. R/W on External PHY mode
2:1
LBK
00,RW
Loopback Mode
Bit
2 1
0
0
Normal
0
1
MAC Internal loopback
1
0
Internal PHY 100M mode digital loopback
1
1
(Reserved)
0
RST
0,RW
Software reset and auto clear after 10us
6.2 Network Status Register (01H)
Bit
Name
Default
Description
7
SPEED
0,RO
Media Speed 0:100Mbps 1:10Mbps, when Internal PHY is used. This bit has no
meaning when LINKST=0
6
LINKST
0,RO
Link Status 0:link failed 1:link OK, when Internal PHY is used
5
WAKEST
0,RW/C1
Wakeup Event Status. Clears by read or write 1
This bit will not be affected after software reset
4
RESERVED
0,RO
Reserved
3
TX2END
0,RW/C1
TX Packet 2 Complete Status. Clears by read or write 1
Transmit completion of packet index 2
2
TX1END
0,RW/C1
TX Packet 1 Complete status. Clears by read or write 1
Transmit completion of packet index 1
1
RXOV
0,RO
RX FIFO Overflow
0
RESERVED
0,RO
Reserved
6.3 TX Control Register (02H)
Bit
Name
Default
Description
7
RESERVED
0,RO
Reserved
6
TJDIS
0,RW
Transmit Jabber Disable
When set, the transmit Jabber Timer (2048 bytes) is disabled. Otherwise it is Enable
5
EXCECM
0,RW
Excessive Collision Mode Control : 0:aborts this packet when excessive collision
counts more than 15, 1: still tries to transmit this packet
4
PAD_DIS2
0,RW
PAD Appends Disable for Packet Index 2
3
CRC_DIS2
0,RW
CRC Appends Disable for Packet Index 2
2
PAD_DIS1
0,RW
PAD Appends Disable for Packet Index 1
1
CRC_DIS1
0,RW
CRC Appends Disable for Packet Index 1
0
TXREQ
0,RW
TX Request. Auto clears after sending completely



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com