Electronic Components Datasheet Search
  English  ▼

X  

DM9000EP Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM9000EP
Description  Ethernet Controller with General Processor Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9000EP Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM9000EP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
■
Supports processor interface: byte/word/dword of I/O command to internal memory data
operation
■
Integrated 10/100M transceiver
■
Supports MII and reverses MII interface
■
Supports back pressure mode for half-duplex mode flow control
■
IEEE802.3x flow control for full-duplex mode
■
Supports wakeup frame, link status change and magic packet events for remote wake up
■
Integrated 4K dword SRAM
■
Supports automatically load vendor ID and product ID from EEPROM
■
Supports 4 GPIO pins
■
Optional EEPROM configuration
■
Very low power consumption mode:
–
Power reduced mode (cable detection)
–
Power down mode
–
Selectable TX drivers for 1:1 or 1.25:1 transformers for additional power reduction.
■
Compatible with 3.3V and 5.0V tolerant I/O
■
100-pin LQFP with CMOS process
Application
VoIP CPE (ATA, IP Phone, Video Phone)
IP STB, IPC, Internet Radio
Ordering Information
Part Number
Pin Count
Package
DM9000E
100
LQFP
DM9000EP
100
LQFP
(Pb-Free)
DAVICOM Semiconductor, Inc.
No.6, Li-Hsin Rd.VI, Science Park, Hsin-Chu, Taiwan, R.O.C.
TEL: 886-3-5798797
FAX: 886-3-5646929
E-mail: sales@davicom.com.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com