Electronic Components Datasheet Search
  English  ▼

X  

DM9008F Datasheet(PDF) 3 Page - Davicom Semiconductor, Inc.

Part # DM9008F
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9008F Datasheet(HTML) 3 Page - Davicom Semiconductor, Inc.

  DM9008F Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9008F Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9008F Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9008F Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9008F Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9008F Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9008F Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9008F Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9008F Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
Final
3
Version: DM9008-DS-F02
November 30, 2000
Absolute Maximum Ratings*
Supply Voltage (VCC) . . . . . . . . . . . . . . . . -0.5V to +7.0V
DC Input Voltage (Vin) . . . . . . . . . . . -0.5V to VCC +0.5V
DC Output Voltage (Vout) . . . . . . . . . -0.5V to VCC +0.5V
Storage Temperature Range (Tstg) . . . -65
°C to + 150°C
Power Dissipation (PD) . . . . . . . . . . . . . . . . . . . . 500 mW
Lead Temp. (TL) (Soldering, 10 sec.) . . . . . . . . . . 220
°C
Ambient Temperature Range (TA)……………0°C to 70°C
Case Temp. (Tc) . . . . . . . . . . . . . . . . . . . . . . 0
°C to 85°C
ESD rating (Rzap = 1.5k, Czap = 120 pF) . . . . . . . 4000V
Differential Input Voltage . . . . . . . . . . . . . . . -5.5V to 16V
Differential Output Voltage . . . . . . . . . . . . . . . . 0V to 16V
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device. These
are stress ratings only. Functional operation of this device at
these or any other conditions above those indicated in the
operational sections of this specification is not implied or
intended. Exposure to the absolute maximum rating conditions
for extended periods may affect device reliability.
DC Electrical Characteristics
(VCC = 5V
± 5%, T
A = 25°C, unless otherwise specified)
Symbol
Parameter
Min.
Max.
Unit
Conditions
Voh
High Level Output Voltage
(Notes 1, 2)
VCC - 0.1
3.5
V
V
Ioh = -20
A
 
Ioh = -2.0mA
Vol
Low Level Output Voltage
(Notes 1, 2)
0.1
0.4
V
V
Iol = 20
A
 
Iol = 2.0mA
Vih
High Level Input Voltage (Note 6)
3.0
V
Vil
Low Level Input Voltage (Note 6)
0.8
V
Iin
Input Current
-1.0
+1.0
A
 
Vi = VCC or GND
Ioz
Tri-state Output Leakage Current
-10
+10
A
 
Vout = VCC or GND
Icco
Operating VCC + AVCC Supply
Current (Note 3)
120
mA
X1 = 20 Mhz
Iout = 0
A
 
Iccs
Standby VCC + AVCC Supply
Current (Note 4)
110
mA
Vin = VCC or GND
Differential Pins (TX+/TX-, RX+/RX-, CD+/CD)
VOD
Differential Output Voltage (TX
±)
+550
+1200
mV
78 ohm termination and
270 ohms from each to GND
VOB
Differential Output Voltage
Imbalance (TX
±)
40
mV
78 ohm termination and
270 ohms from each to GND
VU
Undershoot Voltage (TX
±)
100
mV
78 ohm termination and
270 ohms from each to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com