Electronic Components Datasheet Search
  English  ▼

X  

TC54VC2102EZB Datasheet(PDF) 5 Page - Microchip Technology

Part # TC54VC2102EZB
Description  Voltage Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54VC2102EZB Datasheet(HTML) 5 Page - Microchip Technology

  TC54VC2102EZB Datasheet HTML 1Page - Microchip Technology TC54VC2102EZB Datasheet HTML 2Page - Microchip Technology TC54VC2102EZB Datasheet HTML 3Page - Microchip Technology TC54VC2102EZB Datasheet HTML 4Page - Microchip Technology TC54VC2102EZB Datasheet HTML 5Page - Microchip Technology TC54VC2102EZB Datasheet HTML 6Page - Microchip Technology TC54VC2102EZB Datasheet HTML 7Page - Microchip Technology TC54VC2102EZB Datasheet HTML 8Page - Microchip Technology TC54VC2102EZB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2007 Microchip Technology Inc.
DS21434H-page 5
TC54
3.0
DETAILED DESCRIPTION
In normal steady-state operation when VIN > VDET –,
the output will be at a logic-high (see Figure 3-1). In
the case of the TC54VN, this is an open-drain
condition. If the input falls below VDET –, the output
will pull down (Logic 0) to VSS. Generally, VOUT can
pull down to within 0.5V of VSS at rated output current
and input voltage. (See Section 1.0 “Electrical
Characteristics”).
The output (VOUT) will stay valid until the input voltage
falls below the minimum operating voltage (VINMIN) of
0.7V. Below this minimum operating voltage the output
is undefined. During power-up (or anytime VIN has
fallen below VINMIN), VOUT will remain undefined until
VIN rises above VINMIN. Once this occurs, the output
will become valid. VOUT will be in its active-low state,
while VINMIN < VIN < VDET+ (therefore, VDET+ = VDET –
+ VHYST). If the input rises above VDET+, the output will
assume its inactive state (high for TC54VC, open-drain
for TC54VN).
FIGURE 3-1:
Timing Diagram.
VIN
Detect Voltage VDET –
Minimum Operating
Voltage
VHYST
VDET +
Output Voltage
Release Voltage
or RESET Voltage
Ground Level
Ground Level
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com