Electronic Components Datasheet Search
  English  ▼

X  

CHA5293A Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA5293A
Description  17-24GHz High Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5293A Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA5293A Datasheet HTML 1Page - United Monolithic Semiconductors CHA5293A Datasheet HTML 2Page - United Monolithic Semiconductors CHA5293A Datasheet HTML 3Page - United Monolithic Semiconductors CHA5293A Datasheet HTML 4Page - United Monolithic Semiconductors CHA5293A Datasheet HTML 5Page - United Monolithic Semiconductors CHA5293A Datasheet HTML 6Page - United Monolithic Semiconductors CHA5293A Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CHA5293a
Ref. : DSCHA52932123 -03-May-02
1/7
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
17-24GHz High Power Amplifier
GaAs Monolithic Microwave IC
Description
The CHA5293a is a high gain three-stage
monolithic high power amplifier. It is designed for
a wide range of applications, from military to
commercial
communication
systems. The
backside of the chip is both RF and DC grounds.
This helps simplify the assembly process.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
■ Performances : 17-24GHz
■ 30dBm output power @ 1dB comp. gain
■ 17 dB ± 1dB gain
■ DC power consumption, 800mA @ 6V
■ Chip size :
4.01 x 2.52 x 0.05 mm
Vd1
Vd2
Vg3
Vd3
Vg1,2
Vd2
Vg3
Vd3
-20
-15
-10
-5
0
5
10
15
20
25
12
14
16
18
20
22
24
26
28
Frequency (GHz)
S11
S22
Typical on jig Measurements
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
17
24
GHz
G
Small signal gain
16
17
dB
P1dB
Output power at 1dB gain compression
29
30
dBm
Id
Bias current
800
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHA5293A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5293A UMS-CHA5293A Datasheet
228Kb / 8P
17-24GHz High Power Amplifier
CHA5293A UMS-CHA5293A_06 Datasheet
228Kb / 8P
17-24GHz High Power Amplifier
More results

Similar Description - CHA5293A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2090 UMS-CHA2090 Datasheet
130Kb / 8P
17-24GHz Low Noise Amplifier
CHA2292 UMS-CHA2292 Datasheet
136Kb / 6P
17-24GHz Low Noise, Variable Gain Amplifier
CHA5290 UMS-CHA5290 Datasheet
118Kb / 6P
17.7-24GHz Medium Power Amplifier
CHA5293A UMS-CHA5293A_06 Datasheet
228Kb / 8P
17-24GHz High Power Amplifier
CHR3663-QEG UMS-CHR3663-QEG_11 Datasheet
451Kb / 18P
17-24GHz Integrated Down Converter
CHR3364-QEG UMS-CHR3364-QEG_15 Datasheet
477Kb / 14P
17-24GHz Down Converter
CHA4253AQQG UMS-CHA4253AQQG_15 Datasheet
659Kb / 14P
17- 24GHz Medium Power Amplifier
CHA5050-QDG UMS-CHA5050-QDG_15 Datasheet
693Kb / 14P
17-24GHz Medium Power Amplifier
CHA5350-99F UMS-CHA5350-99F_15 Datasheet
402Kb / 12P
17-24GHz Medium Power Amplifier
CHA4863-QGG UMS-CHA4863-QGG Datasheet
467Kb / 14P
17-24GHz Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com