Electronic Components Datasheet Search
  English  ▼

X  

DM9010EP Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM9010EP
Description  Ethernet Controller with General Processor Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010EP Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM9010EP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
■
100-pin LQFP.
■
Supports processor interface: Byte/word/Dword of I/O command to internal memory
data operation
■
Integrated 10/100M transceiver with
HP Auto-MDIX
■
Supports MII and reverses MII interface
■
Supports back pressure mode for half-duplex mode flow control
■
IEEE802.3x flow control for full-duplex mode
■
Supports wakeup frame, link status change and magic packet events for remote wake up
■
Integrated 16K Byte SRAM
■
Build in 3.3V to 2.5V regulator
■
Supports early Transmit
■
Supports IP/TCP/UDP checksum generation and checking
■
Supports automatically load vendor ID and
product ID from EEPROM
■
Supports 7 or 23 GPIO pins
■
Optional EEPROM configuration
■
Very low power consumption mode:
–
Power reduced mode (cable detection)
–
Power down mode
–
Selectable TX drivers for 1:1 or 1.25:1 transformers for additional power reduction.
–
1: 1 transformers only when HP Auto-MDIX Enable .
■
Compatible with 3.3V and 5.0V tolerant I/O
Application
VoIP CPE (ATA, IP Phone, Video Phone)
IP STB, IPC, Internet Radio
Ordering Information
Part Number
Pin Count
Package
DM9010E
100
LQFP
DM9010EP
100
LQFP(Pb-Free)
DAVICOM Semiconductor, Inc.
No.6, Li-Hsin Rd.VI, Science Park, Hsin-Chu, Taiwan, R.O.C.
TEL: 886-3-5798797
FAX: 886-3-5646929
E-mail: sales@davicom.com.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com