Electronic Components Datasheet Search
  English  ▼

X  

DM9081 Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM9081
Description  10BASE-T Hub Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9081 Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM9081 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9081 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9081 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9081 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9081 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9081 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9081 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9081 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9081 Datasheet HTML 22Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DM9081
10BASE-T Hub Controller
Final
21
Version: DM9081-DS-F02
February 02, 2001
Package Information
QFP 100L Outline Dimensions
Unit: Inches/mm
Seating Plane
1
30
b
31
50
51
80
81
100
HD
D
e
GD
See Detail F
y
L
GD
L1
Detail F
Symbol
Dimensions In Inches
Dimensions In mm
A
0.130 Max.
3.30 Max.
A1
0.004 Min.
0.10 Min.
A2
0.112±0.005
2.85±0.13
b
0.012 +0.004
0.31 +0.10
-0.002
-0.05
c
0.006 +0.004
0.15 +0.10
-0.002
-0.05
D
0.551±0.005
14.00±0.13
E
0.787±0.005
20.00±0.13
e
0.026 ±0.006
0.65±0.15
F
0.742 NOM.
18.85 NOM.
GD
0.693 NOM.
17.60 NOM.
GE
0.929 NOM.
23.60 NOM.
HD
0.740±0.012
18.80±0.31
HE
0.976±0.012
24.79±0.31
L
0.047±0.008
1.19±0.20
L1
0.095±0.008
2.41±0.20
y
0.006 Max.
0.15 Max.
θ
0
° ~ 12°
0
° ~ 12°
Note:
1. Dimensions D&E do not include resin fins.
2. Dimensions GD & GE are for PC Board surface mount pad pitch
design reference only.
3. All dimensions are based on metric system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com