Electronic Components Datasheet Search
  English  ▼

X  

DM9103 Datasheet(PDF) 28 Page - Davicom Semiconductor, Inc.

Part # DM9103
Description  10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9103 Datasheet(HTML) 28 Page - Davicom Semiconductor, Inc.

Back Button DM9103 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 32Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 89 page
background image
DM9103
3-port switch with PCI Interface
28
Preliminary datasheet
DM9103-DS-P02
September 26, 2007
6.2.7 Network Operation Mode Register (CR6)
Bit
Name
Default
Description
31
Reserved
0,RO
Must be Zero
30:29
Reserved
0,RO
Reserved
28:25
Reserved
0001,RO
0001: normal mode
0011: memory test mode (CR13/14 enable)
24:23
Reserved
00,RO
Must be Zero
22
Reserved
0,RO
Reserved
21
Reserved
0,RO
Reserved
20
Reserved
0,RW
Reserved
19
Reserved
0,RW
Reserved
18
Reserved
0,RO
Reserved
17
MII_CNTL
0,RW
MII Management Pin Control
Set this bit to enable CR9 bit 16~19 to control MII management pin (MDC,MDIO)
16
1PKT
0,RW
One Packet Mode
When this bit is set, only one packet is stored at TX FIFO
15:14
Reserved
0,RO
Reserved
13
TXSC
0,RW
Transmit Start/Stop Command
When set, the transmit process will begin by fetching the transmit descriptor for
available packet data to be transmitted (running state). If the fetched descriptor is
owned by the host, transmit process will enter the suspend state and transmit buffer
unavailable (CR5<2>) is set. Otherwise it will begin to move data from host to
FIFO and transmit out after reaching threshold value.
When reset, the transmit process is placed in the stopped state after completing the
transmission of the current frame.
12
Reserved
0,RO
Reserved
11:10
LBM
0,RW
Loop-back Mode
These bits decide two loop-back modes, MAC and PHY, besides normal
operation. These loop-back modes expect transmitted data back to receive path
and ignore collision detection.
Bit11
Bit10
Loop-back Mode
0
0
Normal
0
1
Internal loop-back
1
X
Reserved
9
Reserved
0,RO
Reserved
8
Reserved
0,RO
Must be Zero
7
PAM
0,RW
Pass All Multicast
When set, any packet with a multicast destination address is received by the
DM9103. The packet with a physical address will also be filtered based on the
filter mode setting
6
PM
0,RW
Promiscuous Mode
When set, any incoming valid frame is received by the DM9103, and no matter
what the destination address is. The DM9103 is initialized to this mode after reset
operation.
5
Reserved
0,RW
Must be Zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com