Electronic Components Datasheet Search
  English  ▼

X  

DM9161 Datasheet(PDF) 28 Page - Davicom Semiconductor, Inc.

Part # DM9161
Description  10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161 Datasheet(HTML) 28 Page - Davicom Semiconductor, Inc.

Back Button DM9161_08 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9161_08 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9161_08 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9161_08 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9161_08 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9161_08 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9161_08 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9161_08 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9161_08 Datasheet HTML 32Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
28
Final
Version: DM9161-DS-F05
September 10, 2008
8.7 Auto-negotiation Expansion Register (ANER)- 06
6.15-6.5
Reserved
0, RO
Reserved
Read as 0, ignore on write
6.4
PDF
0, RO/LH
Local Device Parallel Detection Fault
PDF = 1: A fault detected via parallel detection function.
PDF = 0: No fault detected via parallel detection function
6.3
LP_NP_ABLE
0, RO
Link Partner Next Page Able
LP_NP_ABLE = 1: Link partner, next page available
LP_NP_ABLE = 0: Link partner, no next page
6.2
NP_ABLE
0,RO/P
Local Device Next Page Able
NP_ABLE = 1: DM9161, next page available
NP_ABLE = 0: DM9161, no next page
DM9161 does not support this function, so this bit is always 0
6.1
PAGE_RX
0, RO/LH
New Page Received
A new link code word page received. This bit will be automatically
cleared when the register (register 6) is read by management
6.0
LP_AN_ABLE
0, RO
Link Partner Auto-negotiation Able
A “1” in this bit indicates that the link partner supports
Auto-negotiation
8.8 DAVICOM Specified Configuration Register (DSCR) - 16
Bit
Bit Name
Default
Description
16.15
BP_4B5B
0,RW
Bypass 4B5B Encoding and 5B4B Decoding
1 = 4B5B encoder and 5B4B decoder function bypassed
0 = Normal 4B5B and 5B4B operation
16.14
BP_SCR
0, RW
Bypass Scrambler/Descrambler Function
1 = Scrambler and descrambler function bypassed
0 = Normal scrambler and descrambler operation
16.13
BP_ALIGN
0, RW
Bypass Symbol Alignment Function
1 = Receive functions (descrambler, symbol alignment and symbol
decoding functions) bypassed. Transmit functions (symbol encoder
and scrambler) bypassed
0 = Normal operation
16.12
BP_ADPOK
0, RW
BYPASS ADPOK
Force signal detector (SD) active. This register is for debug only, not
release to customer
1=Forced SD is OK,
0=Normal operation
16.11
REPEATER
(Pin#38),RW Repeater/Node Mode
The value of the Repeater/Node pin (38) is latched into this bit at
power-up/reset
1 = Repeater mode
0 = Node mode
16.10
TX
1, RW
100BASE-TX Mode Control
1 = 100BASE-TX operation
0=100BASE-FX operation
16.9
FEF
0, Rw
Far End Fault Enable:
Control the Far End Fault mechanism
Associated with 100BASE-FX operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com