| Electronic Components Datasheet Search |
|
DM9161EP Datasheet(PDF) 1 Page - Davicom Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
DM9161EP Datasheet(HTML) 1 Page - Davicom Semiconductor, Inc. |
|
1 / 3 page ![]() DM9161EP Product Brief 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver June 2008 Rev.1.0 The DM9161EP is a physical layer, single-chip, and low power transceiver for 100BASE-TX 100BASE-FX and 10BASE-T operations. On the media side, it provides a direct interface either to Unshielded Twisted Pair Category 5 Cable (UTP5) for 100BASE-TX Fast Ethernet, or UTP5/UTP3 Cable for 10BASE-T Ethernet. Through the Media Independent Interface (MII), the DM9161EP connects to the Medium Access Control (MAC) layer, ensuring a high inter-operability from different vendors. The DM9161EP uses a low power and high performance CMOS process. It contains the entire physical layer functions of 100BASE-TX as defined by IEEE802.3u, including the Physical Coding Sublayer (PCS), Physical Medium Attachment (PMA), Twisted Pair Physical Medium Dependent Sublayer (TP-PMD), 10BASE-TX Encoder/Decoder (ENC/DEC), and Twisted Pair Media Access Unit (TPMAU). The DM9161EP provides a strong support for the auto-negotiation function, utilizing automatic media speed and protocol selection. Furthermore, due to the built-in wave-shaping filter, the DM9161EP needs no external filter to transport signals to the media in 100MBASE-TX or 10MBASE-T Ethernet operation. Block Diagram MII Management Control Biasing/ Power Block Clock Circuit Block 100Base-TX Transceiver 100Base-FX PECL Interface LED Driver MII/RMII/ GPSI Interface MII Register 100Base- TX PCS 10Base-T TX/RX Module Auto-Negotiation |
Similar Part No. - DM9161EP |
|
Similar Description - DM9161EP |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |