Electronic Components Datasheet Search
  English  ▼

X  

CHA6042 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA6042
Description  13-16GHz High Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6042 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA6042 Datasheet HTML 1Page - United Monolithic Semiconductors CHA6042 Datasheet HTML 2Page - United Monolithic Semiconductors CHA6042 Datasheet HTML 3Page - United Monolithic Semiconductors CHA6042 Datasheet HTML 4Page - United Monolithic Semiconductors CHA6042 Datasheet HTML 5Page - United Monolithic Semiconductors CHA6042 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHA6042
13-16GHz High Power Amplifier
Ref. : DSCHA6042218 - 06-Aug.-02
2/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Predicted Output Power at 1dB Gain Compression
Absolute Maximum Ratings
Tamb. = 25 °C (1)
1. Operation of this device above any one of these parameters may cause permanent damage.
2. Duration < 1 s
3. AuSn solder mount to CuW or CuMo carrier assumed
26
27
28
29
30
31
32
33
34
35
36
12
13
14
15
16
17
FREQUENCY (GHz)
Symbol
Parameter
Values
Unit
Vds
Drain bias voltage_small signal
10.5
V
Ids
Drain bias current_small signal
1500
mA
Vgs
Gate bias voltage
-2 to +0.4
V
Vdg
Maximum Drain Gate voltage (Vd-Vg)
+12
V
Pin
Maximum peak input power overdrive (2)
+18
dBm
Ta
Operating Temperature Range (3)
-45 to +80
C
Tstg
Storage Temperature Range
-55 to +125
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com