Electronic Components Datasheet Search
  English  ▼

X  

CFE320A Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CFE320A
Description  Fiber Optic AlGaAs IRED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CFE320A Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CFE320A Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CFE320A
Fiber Optic AlGaAs IRED
Clairex
Technologies, Inc.
November, 2004
features
• Electrically isolated from case
• High speed
• Optimized for fiber optic
applications
• TO-46 header, flat window can
• RoHS compliant
description
The CFE320A is intended for use in
fiber-optic systems and contains an
850nm AlGaAs IRED mounted on a
TO-46 header. Features are high
coupled power and fast rise and fall
times in an easily mounted hermetic
package. A glass microlens is
mechanically centered over the
IRED to enhance light coupling.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ...................................................................... -55°C to +150°C
operating temperature.................................................................... -55°C to +125°C
lead soldering temperature
(1) ......................................................................... 260°C
reverse voltage ...............................................................................................5VDC
continuous forward current
(2)(3)...................................................................... 100mA
notes:
1. 1/16" (1.6mm) from case for 5 seconds maximum.
2. Derate linearly 0.80mA/°C from 25°C free air temperature to TA = +125°C.
3. Continuous operation at this current level requires a heat sink.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
electrical characteristics (TA = 25°C, unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
PO
Total power output
(3)
15
19
-
µW
IF = 100mA
VF
Forward voltage
-
1.8
2.2
V
IF = 100mA
λP
Peak emission wavelength
830
850
870
nm
IF = 100mA
BW
Spectral bandwidth at half power points
-
35
-
nm
IF = 100mA
tr
Output rise time
-
5.0
8.0
ns
IF = 100mA, 10% - 90%
(4)
tf
Output fall time
-
5.0
10
ns
IF = 100mA, 10% - 90%
(4)
notes: 3. Graded index fiber, 50 µm core, N.A. = 0.20.
4. Prebias at 5mA.
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
Revised 3/15/06


Similar Part No. - CFE320A

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CFE3390 CRYSTEKCRYSTAL-CFE3390 Datasheet
111Kb / 1P
9x14 mm SMD, 3.3V, CMOS Clock Oscillator
CFE3391 CRYSTEKCRYSTAL-CFE3391 Datasheet
111Kb / 1P
9x14 mm SMD, 3.3V, CMOS Clock Oscillator
CFE3392 CRYSTEKCRYSTAL-CFE3392 Datasheet
111Kb / 1P
9x14 mm SMD, 3.3V, CMOS Clock Oscillator
CFE3392-44.736 CRYSTEKCRYSTAL-CFE3392-44.736 Datasheet
111Kb / 1P
9x14 mm SMD, 3.3V, CMOS Clock Oscillator
logo
Clairex Technologies, I...
CFE370 CLAIREX-CFE370 Datasheet
107Kb / 1P
Fiber Optic AlGaAs IREDs
More results

Similar Description - CFE320A

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
Fiber Optic Transmitter
logo
List of Unclassifed Man...
CLE310F ETC1-CLE310F Datasheet
102Kb / 1P
Super-efficient AlGaAs IRED Flat Lead PLCC Package
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Clairex Technologies, I...
CFE370 CLAIREX-CFE370 Datasheet
107Kb / 1P
Fiber Optic AlGaAs IREDs
CLE310F CLAIREX-CLE310F Datasheet
106Kb / 1P
Super-efficient AlGaAs IRED Flat Lead PLCC Package
CLE331 CLAIREX-CLE331 Datasheet
114Kb / 1P
AlGaAs Point Source IRED Collimating Lens
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
FIBER-OPTIC SENSORS AND FIBER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com