Electronic Components Datasheet Search
  English  ▼

X  

CHM1193 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHM1193
Description  K-Band Mixer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHM1193 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHM1193 Datasheet HTML 1Page - United Monolithic Semiconductors CHM1193 Datasheet HTML 2Page - United Monolithic Semiconductors CHM1193 Datasheet HTML 3Page - United Monolithic Semiconductors CHM1193 Datasheet HTML 4Page - United Monolithic Semiconductors CHM1193 Datasheet HTML 5Page - United Monolithic Semiconductors CHM1193 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHM1193
K-Band MIXER
Ref. : DSCHM11930077 - 17-Mar-00
2/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
F_LO
LO frequency range
36
38
GHz
F_IF
IF frequency range
1
3
GHz
Lc
Conversion loss @ P_LO=7dBm (1)
7
dB
P_LO
LO input power
5
7
9
dBm
P-1dB
Input power for 1dB compression
@ P_LO = 9dBm
0dBm
VSWR_LO
LO port VSWR (50
Ω) (2)
2.5:1
VSWR_RF
RF port VSWR (50
Ω) (2)
2.5:1
VSWR_IF
IF port VSWR (50
Ω) (2)
2.5:1
I_LO/RF
LO/RF isolation
30
dBc
(1) On wafer measurements.
(2) Depends on the wire bonding conditions and on the external matching network.
Absolute Maximum Ratings (3)
Tamb = +25°C
Symbol
Parameter
Values
Unit
P_LO
Maximum peak input power overdrive at LO port (4)
10
dBm
P_RF
Maximum peak input power overdrive at RF port (4)
10
dBm
P_IF
Maximum peak input power overdrive at IF port (4)
10
dBm
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(3) Operation of this device above anyone of these parameters may cause permanent damage.
(4) Duration < 1s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com