Electronic Components Datasheet Search
  English  ▼

X  

CHP2085 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHP2085
Description  S-band Phase Shifter / Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHP2085 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHP2085 Datasheet HTML 1Page - United Monolithic Semiconductors CHP2085 Datasheet HTML 2Page - United Monolithic Semiconductors CHP2085 Datasheet HTML 3Page - United Monolithic Semiconductors CHP2085 Datasheet HTML 4Page - United Monolithic Semiconductors CHP2085 Datasheet HTML 5Page - United Monolithic Semiconductors CHP2085 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHP2085
S-band Phase Shifter / Switch
Ref. : DSCHP20850046 - 15-feb.-
00DSCHP20850046 - 15-feb.-00
2/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = +25°C
Symbol
Parameter
Test
Conditions
Min
Max
Unit
Fop
Operating frequency range
2.7
3.4
GHz
PHIpp
Phase shift precision peak to peak error
(1)
10
°
Il
Insertion loss
(1)
12
dB
Is
Isolation
(1)
27
dB
VSWRin
Input VSWR
(1)
2:1
VSWRout
Ouput VSWR
(1)
2:1
Pin1dB
Pulsed Input power at 1dB increase loss
(2)
23
dBm
Ips
Phase shifter current
(1)
5
mA
(1) Pin
≤ 0dBm, Low level control voltage = -4V, High level control voltage = 0V,
Vgi consistent with the Phase Schifter Control Interface table.
(2) These values are representative for pulsed on-wafer measurements
Absolute Maximum Ratings (1)
Tamb = +25°C
Symbol
Parameter
Values
Unit
Vgi
Phase shifter control voltage
-8.0
V
Vpi
Switch control voltage
-8.0
V
Pin
Maximum peak input power overdrive (2)
+25
dBm
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these paramaters may cause permanent damage.
(2) Duration < 1s.
(1) Pin
≤ 0dBm
Switch Control Signal Interface
Switch command
Bond pads
P1
P2
Rfin to RFout2
Low level High level
Rfin to RFout1
High level Low level



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com