Electronic Components Datasheet Search
  English  ▼

X  

SDHC Datasheet(PDF) 12 Page - Transcend Information. Inc.

Part # SDHC
Description  4~32GB High Capacity Secure Digital Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

SDHC Datasheet(HTML) 12 Page - Transcend Information. Inc.

Back Button SDHC Datasheet HTML 8Page - Transcend Information. Inc. SDHC Datasheet HTML 9Page - Transcend Information. Inc. SDHC Datasheet HTML 10Page - Transcend Information. Inc. SDHC Datasheet HTML 11Page - Transcend Information. Inc. SDHC Datasheet HTML 12Page - Transcend Information. Inc. SDHC Datasheet HTML 13Page - Transcend Information. Inc. SDHC Datasheet HTML 14Page - Transcend Information. Inc. SDHC Datasheet HTML 15Page - Transcend Information. Inc. SDHC Datasheet HTML 16Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
S
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
4~32GB High Capacity Secure Digital Card
Transcend Information Inc.
12
1) This bit is valid only when the card power up status bit is set.
2) This bit is set to LOW if the card has not finished the power up routine.
The supported voltage range is coded as shown in Table 5-1. A voltage range is not supported if the
corresponding bit value is set to LOW. As long as the card is busy, the corresponding bit (31) is set to
LOW.
2. CID Register
The Card IDentification (CID) register is 128 bits wide. It contains the card identification information used during the card
identification phase. Every individual flash card shall have a unique identification number. The structure of the CID
register is defined in the following paragraphs:
• MID
An 8-bit binary number that identifies the card manufacturer. The MID number is controlled, defined,
and allocated to a SD Memory Card manufacturer by the SD-3C, LLC. This procedure is established to
ensure uniqueness of the CID register.
• OID
A 2-character ASCII string that identifies the card OEM and/or the card contents (when used as a
distribution media either on ROM or FLASH cards). The OID number is controlled, defined, and allocated
to a SD Memory Card manufacturer by the SD-3C, LLC. This procedure is established to ensure
uniqueness of the CID register.
Note: SD-3C, LLC licenses companies that wish to manufacture and/or sell SD Memory Cards, including but not limited to flash memory,
ROM, OTP, RAM, and SDIO Combo Cards.
SD-3C, LLC is a limited liability company established by Matsushita Electric Industrial Co. Ltd., SanDisk Corporation and Toshiba
Corporation.
• PNM
The product name is a string, 5 ASCII characters long.
• PRV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com