Electronic Components Datasheet Search
  English  ▼

X  

TS4GJF110 Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part # TS4GJF110
Description  4GB USB2.0 JetFlash??10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GJF110 Datasheet(HTML) 2 Page - Transcend Information. Inc.

  TS4GJF110 Datasheet HTML 1Page - Transcend Information. Inc. TS4GJF110 Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S4
4
4G
G
GJ
J
JF
F
F1
1
11
1
10
0
0
4GB USB2.0 JetFlash™110
Transcend Information Inc.
2
Pinouts
Pin No.
Pin Name
Function
01
VCC
USB power input
02
USB-
03
USB+
USB
differential
signal
04
VSS
Ground
Specifications
Storage Capacity
4GB**
Data Retention
10 years
Erase Cycles
>10,000 times
Connector Durability
10,000 times
System Performance
Read: 30MB/sec (max.), Write: 25MB/sec (max.)
Wear-leveling
Dynamic
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
o
C, Non-Operating: -40
o
C-85
o
C
Certificates
CE, FCC, BSMI, C-tick, KCC
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1GB = 1 billion bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com