Electronic Components Datasheet Search
  English  ▼

X  

CLE335 Datasheet(PDF) 3 Page - Clairex Technologies, Inc

Part # CLE335
Description  850nm Super Efficient AlGaAs IREDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE335 Datasheet(HTML) 3 Page - Clairex Technologies, Inc

  CLE335 Datasheet HTML 1Page - Clairex Technologies, Inc CLE335 Datasheet HTML 2Page - Clairex Technologies, Inc CLE335 Datasheet HTML 3Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE335, CLE330E, CLE330W
850nm Super Efficient AlGaAs IREDs
Clairex
Technologies, Inc.
®
VF Normalized vs TA
0.8
0.9
1.0
1.1
1.2
-75
-50
-25
0
25
50
75
100
125
T
A- Degrees C
PO Normalized vs TA
0.00
0.50
1.00
1.50
2.00
-75
-50
-25
0
25
50
75
100
125
T
A - De grees C
POvsIF
0
5
10
15
20
0
102030405060708090 100 110
IF (mA)
VF vs IF
0
20
40
60
80
100
120
1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0
V
F (V)
Relative Intensity vs Angular Displacement
0.0
0.2
0.4
0.6
0.8
1.0
-20
-10
0
10
20
Angular Displacement - Degrees
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
Relative Intensity vs Angular Displacement
0.00
0.20
0.40
0.60
0.80
1.00
1.20
-100
-80
-60
-40
-20
0
20
40
60
80
100
Angular Displacement - Degrees
Wavelength @IF=100mA
0.0
0.2
0.4
0.6
0.8
1.0
700
750
800
850
900
950
Wavelength (nm)
All Products
All Products
All Products
All Products
All Products
CLE335
CLE330E and CLE330W
PO Normalized vs TA
TA – Degrees C
VF Normalized vs TA
TA – Degrees C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com