Electronic Components Datasheet Search
  English  ▼

X  

CLE390 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLE390
Description  850nm IRED with Photodiode Monitored Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE390 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLE390 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE390
850nm IRED
with Photodiode Monitored Output
Clairex
Technologies, Inc.
July, 2006
features
• TO-46 hermetic package
• ± 11° emitting angle
• COMMON connected to case
• RoHS compliant
description
The CLE390 contains an advanced,
high efficiency, high output, AlGaAs
850nm IRED bonded to a ceramic
substrate, and a photodiode, both
mounted on a TO-46 header.
Circuitry can be developed to adjust
the IF on the IRED as it ages to
ensure constant output level.
Contact Clairex for additional
information.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ...................................................................... -65°C to +150°C
operating temperature ................................................................... -65°C to +125°C
lead soldering temperature
(1) ......................................................................... 260°C
IRED ONLY
continuous forward current
(2)(4) ..................................................................... 100mA
peak forward current (10ms pulse width, 0.5% duty cycle).................................. 1A
reverse voltage ................................................................................................. 5.0V
continuous power dissipation
(3)(4) ................................................................. 200mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum.
2.
Derate linearly 0.80mA/°C from 25°C free air temperature to TA = +125°C.
3.
Derate linearly 1.60mW/°C from 25°C free air temperature to TA = +125°C.
4.
Operation at this level requires a proper heat sink.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
LED
Ee
Irradiance
1.0
1.5
-
mW/cm
2
IF = 100mA
VF
Forward voltage
-
1.7
1.9
V
IF = 100mA
IR
Reverse current
-
-
10
µA
VR = 5V
λP
Peak emission wavelength
-
850
-
nm
IF = 100mA
BW
Spectral bandwidth
-
50
-
nm
IF = 100mA
θHP
Emission angle at half power points
-
22
-
deg.
IF = 100mA
tr/tf
Output rise/fall time
-
20/40
-
ns
IF = 100mA
Photodiode
ISC
Short circuit current
1.0
2.3
-
µA
Ee = 0.5mW/cm
2
ID
Dark current
-
-
10
nA
Ee = 0, VR = 5V
VBR
Reverse breakdown voltage
80
-
-
V
IR = 30µA
Coupled
IL
Coupled light current
0.25
0.5
-
mA
IF = 100mA
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.100 (2.54) dia.
0.025 (0.64) max.
1.00 (25.4) min.
0.190 (4.83)
0.176 (4.47)
0.165 (4.19)
0.145 (3.68)
0.019 (0.48)
0.016 (0.41)
0.156 (3.96)
0.136 (3.45)
CATHODE
ANODE
0.050 (1.27) nom
COMMON
IRED
CATHODE
PHOTODIODE
ANODE
1
3
2
0.50 (12.7) min.
3
2
1


Similar Part No. - CLE390

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE300F CLAIREX-CLE300F Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Flat Lead PLCC Package
logo
IXYS Corporation
CLE30E1200PB IXYS-CLE30E1200PB Datasheet
96Kb / 4P
SemiFast Single Thyristor
logo
List of Unclassifed Man...
CLE310F ETC1-CLE310F Datasheet
102Kb / 1P
Super-efficient AlGaAs IRED Flat Lead PLCC Package
logo
Clairex Technologies, I...
CLE310F CLAIREX-CLE310F Datasheet
106Kb / 1P
Super-efficient AlGaAs IRED Flat Lead PLCC Package
CLE320W CLAIREX-CLE320W Datasheet
106Kb / 1P
High Power Aluminum Gallium Arsenide 810nm IRED
More results

Similar Description - CLE390

ManufacturerPart #DatasheetDescription
logo
AUK corp
SI5313-C AUK-SI5313-C Datasheet
80Kb / 3P
IRED
logo
List of Unclassifed Man...
LG214L ETC-LG214L Datasheet
167Kb / 2P
Photointerrupter Combine high output GaAs IRED with Photo IC
logo
AUK corp
SI5315-H AUK-SI5315-H_1 Datasheet
180Kb / 4P
IRED
logo
Vishay Siliconix
TCND5000 VISHAY-TCND5000 Datasheet
177Kb / 10P
Reflective Optical Sensor with PIN Photodiode Output
04-Sep-06
TCND5000 VISHAY-TCND5000_10 Datasheet
298Kb / 14P
Reflective Optical Sensor with PIN Photodiode Output
14-Oct-10
logo
Micropac Industries
62086 MICROPAC-62086 Datasheet
67Kb / 2P
High output, 850nm
logo
Vishay Siliconix
TCND5000 VISHAY-TCND5000_V01 Datasheet
328Kb / 14P
Reflective Optical Sensor with PIN Photodiode Output
12-Jun-14
logo
EHAOAN.
EH-2835S850-2045 EHAOAN-EH-2835S850-2045 Datasheet
3Mb / 9P
High output power at 850nm
EH-3535A850-B60 EHAOAN-EH-3535A850-B60 Datasheet
3Mb / 9P
High output power at 850nm
EH-3535A850-D60 EHAOAN-EH-3535A850-D60 Datasheet
3Mb / 9P
High output power at 850nm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com