Electronic Components Datasheet Search
  English  ▼

X  

CLE436 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLE436
Description  High Power Red LED - Minimal Infrared Content Dome Lens Can, Hermetically Sealed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE436 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLE436 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE436
Preliminary
High Power Red LED – Minimal Infrared Content
Dome Lens Can, Hermetically Sealed
Clairex
Technologies, Inc.
March, 2006
features
• Dome lens TO-46 Package
• Minimal infrared content
• ± 11° emission angle
• High luminous flux
• RoHS compliant
description
The CLE436 is an advanced, high-
efficiency, high speed, GaAlAs red
light emitting diode designed for
minimal light in the infrared region.
Radiated emissions above 750nm
are less than 0.1% of emissions at
660nm. For additional information,
call Clairex.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ...................................................................... -65°C to +150°C
operating temperature ................................................................... -65°C to +125°C
lead soldering temperature
(1) ......................................................................... 260°C
continuous forward current
(2) .......................................................................... 60mA
reverse voltage .................................................................................................... 5V
peak forward current (1.0ms pulse width, 10% duty cycle).................................. 1A
continuous power dissipation
(3).................................................................... 200mW
notes:
1.
0.06” (1.5mm) from case for 5 seconds maximum.
2.
Derate linearly 0.48mA/°C from 25°C free air temperature to TA = +125°C.
3.
Derate linearly 1.60mW/°C from 25°C free air temperature to TA = +125°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
IV
Luminous intensity
-
650
-
mcd
IF = 20mA
ΦV
Luminous flux
-
72
-
mlm
IF = 20mA
VF
Forward voltage
-
-
2.2
V
IF = 20mA
IR
Reverse current
-
-
10
µA
VR = 5.0V
θHP
Emission angle at half power points
-
22
-
deg.
IF = 20mA
λp
Peak Wavelength
650
660
670
nm
IF = 20mA
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.100 (2.54) dia.
0.025 (0.64) max.
1.00 (25.4) min.
0.190 (4.83)
0.176 (4.47)
0.165 (4.19)
0.145 (3.68)
0.019 (0.48)
0.016 (0.41)
0.156 (3.96)
0.136 (3.45)
ANODE
CATHODE
0.050 (1.27) nom
Case 4
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
Revised 3/20/06


Similar Part No. - CLE436

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE436 ETC-CLE436 Datasheet
109Kb / 1P
High Power Red LED - Minimal Infrared Content D ome Lens Can, Hermetically Sealed
CLE436W ETC-CLE436W Datasheet
108Kb / 1P
High Power Red LED - Minimal Infrared Content Flat Window Can, Hermetically Sealed
logo
Clairex Technologies, I...
CLE436W CLAIREX-CLE436W Datasheet
112Kb / 1P
High Power Red LED - Minimal Infrared Content Flat Window Can, Hermetically Sealed
More results

Similar Description - CLE436

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE435 ETC-CLE435 Datasheet
111Kb / 1P
Red LED, Aluminum Gallium Arsenide Dome Lens Can, Hermetically Sealed
CLE436 ETC-CLE436 Datasheet
109Kb / 1P
High Power Red LED - Minimal Infrared Content D ome Lens Can, Hermetically Sealed
CLE436W ETC-CLE436W Datasheet
108Kb / 1P
High Power Red LED - Minimal Infrared Content Flat Window Can, Hermetically Sealed
CLE535 ETC-CLE535 Datasheet
108Kb / 1P
High Power Green LED Dome Lens Can, Hermetically Sealed
CLE536 ETC-CLE536 Datasheet
108Kb / 1P
High Power Blue LED Dome Lens Can, Hermetically Sealed
logo
Clairex Technologies, I...
CLE435 CLAIREX-CLE435 Datasheet
115Kb / 1P
Red LED, Aluminum Gallium Arsenide Dome Lens Can, Hermetically Sealed
CLE436W CLAIREX-CLE436W Datasheet
112Kb / 1P
High Power Red LED - Minimal Infrared Content Flat Window Can, Hermetically Sealed
CLE535 CLAIREX-CLE535 Datasheet
112Kb / 1P
High Power Green LED Dome Lens Can, Hermetically Sealed
CLE536 CLAIREX-CLE536 Datasheet
112Kb / 1P
High Power Blue LED Dome Lens Can, Hermetically Sealed
CLE539 CLAIREX-CLE539 Datasheet
112Kb / 1P
High Power GaN White LED Dome Lens Can, Hermetically Sealed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com