Electronic Components Datasheet Search
  English  ▼

X  

TS4GSDHC150 Datasheet(PDF) 18 Page - Transcend Information. Inc.

Part # TS4GSDHC150
Description  4GB 150X High Capacity Secure Digital Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSDHC150 Datasheet(HTML) 18 Page - Transcend Information. Inc.

Back Button TS4GSDHC150 Datasheet HTML 14Page - Transcend Information. Inc. TS4GSDHC150 Datasheet HTML 15Page - Transcend Information. Inc. TS4GSDHC150 Datasheet HTML 16Page - Transcend Information. Inc. TS4GSDHC150 Datasheet HTML 17Page - Transcend Information. Inc. TS4GSDHC150 Datasheet HTML 18Page - Transcend Information. Inc. TS4GSDHC150 Datasheet HTML 19Page - Transcend Information. Inc. TS4GSDHC150 Datasheet HTML 20Page - Transcend Information. Inc. TS4GSDHC150 Datasheet HTML 21Page - Transcend Information. Inc. TS4GSDHC150 Datasheet HTML 22Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
S
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
4GB 150X High Capacity Secure Digital Card
Transcend Information Inc.
18
• COPY
Defines if the contents is original (= ‘0’) or has been copied (=’1’). The COPY bit for OTP and MTPdevices, sold to end
consumers, is set to ‘1’ which identifies the card contents as a copy. The COPY bit is an one time programmable bit.
• PERM_WRITE_PROTECT
Permanently protects the whole card content against overwriting or erasing (all write and erase commands for this card
are permanently disabled). The default value is ‘0’, i.e. not permanently write protected.
• TMP_WRITE_PROTECT
Temporarily protects the whole card content from being overwritten or erased (all write and erase commands for this
card are temporarily disabled). This bit can be set and reset. The default value is ‘0’, i.e. not write protected.
• FILE_FORMAT
This field is set to 0. Host should not use this field.
• CRC
The CRC field carries the check sum for the CSD contents.
The checksum has to be recalculated by the host for any CSD modification. The default corresponds to the initial CSD
contents.
The following table lists the correspondence between the CSD entries and the command classes. A ‘+’ entry indicates
that the CSD field affects the commands of the related command class.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com