Electronic Components Datasheet Search
  English  ▼

X  

CLE509 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLE509
Description  Nine Element, 390nm UV LED Array Dome Lens Can, Hermetically Sealed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE509 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLE509 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE509
Preliminary
Nine Element, 390nm UV LED Array
Dome Lens Can, Hermetically Sealed
Clairex
Technologies, Inc.
February, 2006
features
•
390nm wavelength
• ±35° emission angle
•
Cathodes connected to case
• RoHS compliant
applications
•
identifying petroleum deposits in
down-hole drilling operations
•
currency validation
•
security
•
water purification
•
UV epoxy curing
description
The CLE509 contains nine, parallel
connected, 390nm LED die mounted
on a TO-46 header. Custom
variations are available which can
contain from one to nine elements.
Special lenses and multiple lead
packages are also available. Call
Clairex for more information.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ...................................................................... -40°C to +150°C
operating temperature ................................................................... -40°C to +125°C
lead soldering temperature
(1) ......................................................................... 260°C
continuous forward current, each diode
(2) ....................................................... 20mA
peak forward current, each diode (1.0ms pulse width, 10% duty cycle) ........... 0.5A
reverse voltage ................................................................................................. 5.0V
continuous power dissipation
(3).................................................................... 350mW
notes:
1. 0.06” (1.5mm) from case for 5 seconds maximum.
2.
Derate linearly 0.21mA/°C from 25°C free air temperature to TA = +125°C.
3.
Derate linearly 3.73mW/°C from 25°C free air temperature to TA = +125°C.
Exercise caution when applying power to this unit.
It emits high amounts of UV radiation.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
PO
Total power output
(4)
13.5
-
-
mW
IF = 180mA
(5)
VF
Forward voltage
-
3.0
3.9
V
IF = 180mA
(5)
IR
Reverse current (per diode)
-
-
10
µA
VR = 5.0V
λp
Peak emission wavelength
375
390
405
nm
IF = 180mA
(5)
θHP
Emission angle at half power points
-
70
-
deg.
IF = 180mA
(5)
note: 4. Measured with both anode leads connected together.
5. This equates to 20mA per diode.
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.100 (2.54) dia.
0.025 (0.64) max.
1.00 (25.4) min.
0.190 (4.83)
0.176 (4.47)
0.165 (4.19)
0.145 (3.68)
0.019 (0.48)
0.016 (0.41)
0.156 (3.96)
0.136 (3.45)
CATHODE
ANODE
0.050 (1.27) nom
For proper operation, ANODE 1 and
ANODE 2 must be externally connected.
ANODE 2
ANODE
1
(connected
to case)
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
Revised 3/16/06


Similar Part No. - CLE509

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE509 ETC-CLE509 Datasheet
102Kb / 1P
Nine Element, 390nm UV LED Array Dome Lens Can, Hermetically Sealed
More results

Similar Description - CLE509

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE435 ETC-CLE435 Datasheet
111Kb / 1P
Red LED, Aluminum Gallium Arsenide Dome Lens Can, Hermetically Sealed
CLE501 ETC-CLE501 Datasheet
100Kb / 1P
390nm UV LED Dome Lens, TO-46 Aluminum Package
CLE509 ETC-CLE509 Datasheet
102Kb / 1P
Nine Element, 390nm UV LED Array Dome Lens Can, Hermetically Sealed
CLE535 ETC-CLE535 Datasheet
108Kb / 1P
High Power Green LED Dome Lens Can, Hermetically Sealed
CLE536 ETC-CLE536 Datasheet
108Kb / 1P
High Power Blue LED Dome Lens Can, Hermetically Sealed
logo
Clairex Technologies, I...
CLE435 CLAIREX-CLE435 Datasheet
115Kb / 1P
Red LED, Aluminum Gallium Arsenide Dome Lens Can, Hermetically Sealed
CLE501 CLAIREX-CLE501 Datasheet
104Kb / 1P
390nm UV LED Dome Lens, TO-46 Aluminum Package
CLE535 CLAIREX-CLE535 Datasheet
112Kb / 1P
High Power Green LED Dome Lens Can, Hermetically Sealed
CLE536 CLAIREX-CLE536 Datasheet
112Kb / 1P
High Power Blue LED Dome Lens Can, Hermetically Sealed
CLE539 CLAIREX-CLE539 Datasheet
112Kb / 1P
High Power GaN White LED Dome Lens Can, Hermetically Sealed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com